Electronic Components Datasheet Search
  English  ▼

X  

W158 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W158
Description  Spread Spectrum System Frequency Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W158 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W158 Datasheet HTML 1Page - Cypress Semiconductor W158 Datasheet HTML 2Page - Cypress Semiconductor W158 Datasheet HTML 3Page - Cypress Semiconductor W158 Datasheet HTML 4Page - Cypress Semiconductor W158 Datasheet HTML 5Page - Cypress Semiconductor W158 Datasheet HTML 6Page - Cypress Semiconductor W158 Datasheet HTML 7Page - Cypress Semiconductor W158 Datasheet HTML 8Page - Cypress Semiconductor W158 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
W158
2
Overview
The W158 is designed to provide the essential frequency
sources to work with advanced multiprocessing Intel architec-
ture platforms. Split voltage supply signaling provides 2.5V
and 3.3V clock frequencies operating up to 133 MHz.
From a low-cost 14.31818-MHz reference crystal oscillator,
the W158 generates 2.5V clock outputs to support CPUs, core
logic chip set, and Direct RDRAM clock generators. It also pro-
vides skew-controlled PCI and IOAPIC clocks synchronous to
CPU clock, 48-MHz Universal Serial Bus (USB) clock, and rep-
licates the 14.31818-MHz reference clock.
All CPU, PCI, and IOAPIC clocks can be synchronously mod-
ulated for spread spectrum operations. Cypress employs pro-
prietary techniques that provide the maximum EMI reduction
while minimizing the clock skews that could reduce system
timing margins. Spread Spectrum modulation is enabled by
the active LOW control signal SPREAD#.
The W158 also includes power management control inputs. By
using these inputs, system logic can stop CPU and/or PCI
clocks or power down the entire device to conserve system
power.
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CPU0:3
41, 42, 45, 46
O
CPU Clock Outputs 0 through 3: These four CPU clocks run at a frequency set by
SEL133/100#. Output voltage swing is set by the voltage applied to VDDQ2.
CPUdiv2_ 0:1
49, 50
O
Synchronous Memory Reference Clock Output 0 through 1: Reference clock for Di-
rect RDRAM clock generators running at 1/2 CPU clock frequency. Output voltage swing
is set by the voltage applied to VDDQ2.
PCI1:7
9, 11, 12, 14,
15, 17, 18
O
PCI Clock Outputs 1 through 7: These seven PCI clock outputs run synchronously to
the CPU clock. Voltage swing is set by the power connection to VDDQ3. PCI1:7 outputs
are stopped when PCI _STOP# is held LOW.
PCI_F
8
O
PCI_F (PCI Free-running): This PCI clock output runs synchronously to the CPU clock.
Voltage swing is set by the power connection to VDDQ3. PCI_F is not affected by the state
of PCI_STOP#.
REF0:1
2, 3
O
14.318-MHz Reference Clock Output: 3.3V copies of the 14.318-MHz reference clock.
IOAPIC0:2
53, 54, 55
O
I/O APIC Clock Output: Provides 16.67-MHz fixed frequency. The output voltage swing
is set by the power connection to VDDQ2.
48MHz
30
O
48-MHz Output: Fixed 48-MHz USB output. Output voltage swing is controlled by voltage
applied to VDDQ3.
3V66_0:3
21, 22, 25, 26
O
66-MHz Output 0 through 3: Fixed 66-MHz outputs. Output voltage swing is controlled
by voltage applied to VDDQ3.
SEL0:1
32, 33
I
Mode Select Input 0 through 1: 3.3V LVTTL-compatible input for selecting clock output
modes.
SEL133/100#
28
I
Frequency Selection Input: 3.3V LVTTL-compatible input that selects CPU output fre-
quency as shown in Table 1.
X1
5
I
Crystal Connection or External Reference Frequency Input: Connect to either a
14.318-MHz crystal or an external reference signal.
X2
6
O
Crystal Connection: An output connection for an external 14.318-MHz crystal. If using
an external reference, this pin must be left unconnected.
SPREAD#
34
I
Active LOW Spread Spectrum Enable: 3.3V LVTTL-compatible input that enables
spread spectrum mode when held LOW.
PWRDWN#
35
I
Active LOW Power Down Input: 3.3V LVTTL-compatible asynchronous input that re-
quests the device to enter power-down mode.
CPU_STOP#
36
I
Active LOW CPU Clock Stop: 3.3V LVTTL-compatible asynchronous input that stops all
CPU and 3V66 clocks when held LOW. CPUdiv2 outputs are unaffected by this input.
PCI_STOP#
37
I
Active LOW PCI Clock Stop: 3.3V LVTTL-compatible asynchronous input that stops all
PCI outputs except PCI_F when held LOW.
VDDQ3
4, 10, 16, 23,
27, 31, 39
P
Power Connection: Power supply for PCI output buffers, 48-MHz USB output buffer,
Reference output buffers, 3V66 output buffers, core logic, and PLL circuitry. Connect to
3.3V supply.
VDDQ2
43, 47, 51, 56
P
Power Connection: Power supply for IOAPIC, CPU, and CPUdiv2 output buffers. Con-
nect to 2.5V supply.
GND
1, 7, 13, 19,
20, 24, 29, 38,
40, 44, 48, 52
G
Ground Connection: Connect all ground pins to the common system ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com