Electronic Components Datasheet Search
  English  ▼

X  

W164 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W164
Description  Spread Spectrum Desktop/Notebook System Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W164 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W164 Datasheet HTML 1Page - Cypress Semiconductor W164 Datasheet HTML 2Page - Cypress Semiconductor W164 Datasheet HTML 3Page - Cypress Semiconductor W164 Datasheet HTML 4Page - Cypress Semiconductor W164 Datasheet HTML 5Page - Cypress Semiconductor W164 Datasheet HTML 6Page - Cypress Semiconductor W164 Datasheet HTML 7Page - Cypress Semiconductor W164 Datasheet HTML 8Page - Cypress Semiconductor W164 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Spread Spectrum Desktop/Notebook System
Frequency Generator
W164
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
December 16, 1999, rev. **
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum technology
• Reduces measured EMI by as much as 10 dB
•I2C programmable to 153 MHz (16 selectable
frequencies)
• Two skew-controlled copies of CPU output
• SEL100/66# selects CPU frequency (100 or 66.8 MHz)
• Seven copies of PCI output (synchronous w/CPU
output)
• One copy of 14.31818-MHz IOAPIC output
• One copy of 48-MHz USB output
• Selectable 24-/48-MHz output is determined by resistor
straps on power-up
• One high-drive output buffer that produces a copy of
the 14.318-MHz reference
• Isolated core VDD pin for noise reduction
Key Specifications
Supply Voltages:....................................... VDDQ3 = 3.3V±5%
VDDQ2 = 2.5V±5%
CPU Cycle to Cycle Jitter: ........................................... 200 ps
CPU, PCI Output Edge Rate:
.........................................≥1 V/ns
CPU0:1 Output Skew: ................................................ 175 ps
PCI_F, PCI1:6 Output Skew: .......................................500 ps
CPU to PCI Skew: .............................. 1 to 4 ns (CPU Leads)
REF2X/SEL48#, SCLOCK, SDATA ................ 250-k
Ω pull-up
Note: Internal pull-up resistors should not be relied upon for
setting I/O pins HIGH.
Table 1. Pin Selectable Frequency
SEL100/66#
CPU(0:1)
PCI
1
100 MHz
33.3 MHz
0
66.8 MHz
33.4 MHz
Pin Configuration
Block Diagram
X1
X2
GND
PCI_F
PCI1
PCI2
PCI3
PCI4
VDDQ3
PCI5
PCI6
VDDQ3
48MHz
24/48MHz
GND
REF2X/SEL48#
VDDQ3
VDDQ2
IOAPIC
VDDQ2
CPU0
CPU1
VDDQ3
GND
SDATA
SCLOCK
SEL100/66#
GND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDDQ3
REF2X/SEL48#
VDDQ3
IOAPIC
CPU0
CPU1
PCI_F
XTAL
PLL Ref Freq
PLL 1
100/66#_SEL
X2
X1
VDDQ3
PCI1
PCI2
PCI3
PCI4
PCI5
48MHz
24/48MHz
PLL2
OSC
VDDQ2
PCI6
GND
GND
VDDQ3
GND
GND
I2C
SCLOCK
SDATA
LOGIC
÷2/÷3/÷4


Similar Part No. - W164

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W164 CYPRESS-W164 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
More results

Similar Description - W164

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W130 CYPRESS-W130 Datasheet
116Kb / 8P
Spread Spectrum Desktop/Notebook System Clock
October 27, 1999
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
W48S111-14 CYPRESS-W48S111-14 Datasheet
137Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
October 28, 1999, rev. 0.7
W48S87-72 CYPRESS-W48S87-72 Datasheet
248Kb / 19P
Desktop/Notebook Frequency Generator
August 4, 2000 rev. A
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
Spread Spectrum BX System Frequency Generator
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com