Electronic Components Datasheet Search
  English  ▼

X  

W181 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W181
Description  Peak Reducing EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W181 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W181 Datasheet HTML 1Page - Cypress Semiconductor W181 Datasheet HTML 2Page - Cypress Semiconductor W181 Datasheet HTML 3Page - Cypress Semiconductor W181 Datasheet HTML 4Page - Cypress Semiconductor W181 Datasheet HTML 5Page - Cypress Semiconductor W181 Datasheet HTML 6Page - Cypress Semiconductor W181 Datasheet HTML 7Page - Cypress Semiconductor W181 Datasheet HTML 8Page - Cypress Semiconductor W181 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Peak Reducing EMI Solution
W181
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
July 21, 2000, rev. *B
Features
• Cypress PREMIS™ family offering
• Generates an EMI optimized clocking signal at the out-
put
• Selectable input to output frequency
• Single 1.25% or 3.75% down or center spread output
• Integrated loop filter components
• Operates with a 3.3V or 5V supply
• Low power CMOS design
• Available in 8-pin SOIC (Small Outline Integrated Cir-
cuit) or 14-pin TSSOP (Thin Shrink Small Outline Pack-
age select options only)
Key Specifications
Supply Voltages: ........................................... VDD = 3.3V±5%
or VDD = 5V±10%
Frequency Range: ............................ 28 MHz
≤ F
in ≤ 75 MHz
Crystal Reference Range.................. 28 MHz
≤ F
in ≤ 40 MHz
Cycle to Cycle Jitter: ....................................... 300 ps (max.)
Selectable Spread Percentage: ....................1.25% or 3.75%
Output Duty Cycle: ............................... 40/60% (worst case)
Output Rise and Fall Time: .................................. 5 ns (max.)
Table 1. Modulation Width Selection
SS%
W181-01, 02, 03
Output
W181-51, 52, 53
Output
0Fin ≥ Fout ≥ Fin –
1.25%
Fin + 0.625% ≥ Fin≥
– 0.625%
1Fin ≥ Fout ≥ Fin –
3.75%
Fin + 1.875% ≥ Fin≥
–1.875%
Table 2. Frequency Range Selection
W181 Option#
FS2
FS1
-01, 51
(MHz)
-02, 52
(MHz)
-03, 53
(MHz)
0
0
28
≤ F
IN ≤ 38
28
≤ F
IN ≤ 38
N/A
0
1
38
≤ F
IN ≤ 48
38
≤ F
IN ≤ 48
N/A
1
0
46
≤ F
IN ≤ 60
N/A
46
≤ F
IN ≤ 60
1
1
58
≤ F
IN ≤ 75
N/A
58
≤ F
IN ≤ 75
PREMIS is a trademark of Cypress Semiconductor Corporation.
Simplified Block Diagram
Pin Configurations
8
7
6
5
1
2
3
4
CLKIN or X1
NC or X2
GND
SS%
SSON#
FS1
VDD
CLKOUT
8
7
6
5
1
2
3
4
CLKIN or X1
NC or X2
GND
SS%
FS2
FS1
VDD
CLKOUT
SOIC
Spread Spectrum
W181
(EMI suppressed)
3.3 or 5.0V
Oscillator or
Spread Spectrum
W181
(EMI suppressed)
3.3 or 5.0V
XTAL
X1
X2
Reference Input
Input
Output
Output
40 MHz
Max.
8
1
2
3
4
CLKIN or X1
NC or X2
GND
SS%
NC
FS1
VDD
CLKOUT
5
6
7
9
10
11
12
13
14
FS2
NC
NC
NC
NC
NC
TSSOP


Similar Part No. - W181

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W181-01G CYPRESS-W181-01G Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
W181-01X CYPRESS-W181-01X Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
W181-01XT CYPRESS-W181-01XT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
W181-02G CYPRESS-W181-02G Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
More results

Similar Description - W181

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
Peak Reducing EMI Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com