Electronic Components Datasheet Search
  English  ▼

X  

W181 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W181
Description  Peak Reducing EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W181 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W181 Datasheet HTML 1Page - Cypress Semiconductor W181 Datasheet HTML 2Page - Cypress Semiconductor W181 Datasheet HTML 3Page - Cypress Semiconductor W181 Datasheet HTML 4Page - Cypress Semiconductor W181 Datasheet HTML 5Page - Cypress Semiconductor W181 Datasheet HTML 6Page - Cypress Semiconductor W181 Datasheet HTML 7Page - Cypress Semiconductor W181 Datasheet HTML 8Page - Cypress Semiconductor W181 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
W181
2
Pin Definitions
Pin Name
Pin No.
(SOIC)
Pin No.
(TSSOP)(-01)
Pin
Type
Pin Description
CLKOUT
5
8
O
Output Modulated Frequency: Frequency modulated copy
of the unmodulated input clock (SSON# asserted).
CLKIN or X1
1
2
I
Crystal Connection or External Reference Frequency In-
put: This pin has dual functions. It may either be connected
to an external crystal, or to an external reference clock.
NC or X2
2
3
I
Crystal Connection: If using an external reference, this pin
must be left unconnected.
SSON#
8(02/03/52/
53)
--
I
Spread Spectrum Control (Active LOW): Asserting this sig-
nal (active LOW) turns the internal modulation waveform on.
This pin has an internal pull-down resistor.
FS1:2
7, 8 (01/51)
12, 1
I
Frequency Selection Bit(s) 1 and 2: These pins select the
frequency range of operation. Refer to Table 2. These pins
have internal pull-up resistors.
SS%
4
6
I
Modulation Width Selection: When Spread Spectrum fea-
ture is turned on, this pin is used to select the amount of
variation and peak EMI reduction that is desired on the output
signal. This pin has an internal pull-up resistor.
VDD
6
10
P
Power Connection: Connected to 3.3V or 5V power supply.
GND
3
4
G
Ground Connection: Connect all ground pins to the com-
mon system ground plane.
NC
5, 7, 9, 11, 13,
14
NC
No Connection.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com