Electronic Components Datasheet Search
  English  ▼

X  

W199 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # W199
Description  Spread Spectrum FTG for VIA Apollo Pro-133
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W199 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button W199 Datasheet HTML 6Page - Cypress Semiconductor W199 Datasheet HTML 7Page - Cypress Semiconductor W199 Datasheet HTML 8Page - Cypress Semiconductor W199 Datasheet HTML 9Page - Cypress Semiconductor W199 Datasheet HTML 10Page - Cypress Semiconductor W199 Datasheet HTML 11Page - Cypress Semiconductor W199 Datasheet HTML 12Page - Cypress Semiconductor W199 Datasheet HTML 13Page - Cypress Semiconductor W199 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
W199
PRELIMINARY
12
SDRAM 0:11,_F Clock Outputs (Lump Capacitance Test Load = 22 pF)
Parameter
Description
Test Condition/Comments
SDRAMIN =
66.8 MHz
SDRAMIN =
100 MHz
SDRAMIN =
133 MHz
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
tP
Period
Measured on rising edge at
1.5V
15
15.5
10
10.5
7.5
8.0
ns
tH
High Time
Duration of clock cycle above
2.4V
5.2
3.0
1.87
ns
tL
Low Time
Duration of clock cycle below
0.4V
5.0
2.0
1.67
ns
tR
Output Rise Edge
Rate
Measured from 0.4V to 2.4V
1
4
1
4
1
4
V/ns
tF
Output Fall Edge
Rate
Measured from 2.4V to 0.4V
1
4
1
4
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling
edge at 1.5V
45
55
45
55
45
55
%
tJC
Jitter,
Cycle-to-Cycle
Measured on rising edge at
1.5V. Maximum difference of
cycle time between two adja-
cent cycles.
250
250
250
ps
tSK
Output Skew
Measured on rising and falling
edge at 1.5V
250
250
250
ps
tPD
Propagation
Delay
Measured from SDRAMIN
3.7
3.7
3.7
ns
Zo
AC output
Impedance
Average value during switching
transition. Used for determin-
ing series termination value.
15
15
15
Ω
REF0:1 Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V.
45
55
%
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for de-
termining series termination value.
40
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com