Electronic Components Datasheet Search
  English  ▼

X  

NDTM Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NDTM
Description  Resin Dipped, Solid Tantalum Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NDTM Datasheet(HTML) 3 Page - NIC-Components Corp.

  NDTM Datasheet HTML 1Page - NIC-Components Corp. NDTM Datasheet HTML 2Page - NIC-Components Corp. NDTM Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
164
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Resin Dipped Solid Tantalum Capacitors
Taping Specifications
TAPING DIMENSIONS (mm)
PACKAGING QUANTITIES
REEL DIMENSIONS (mm)
F2TR, F2TB (UNDER 8.0mm DIAMETER) 5.0mm lead spacing.
F2TR, F2TB (8.0mm AND OVER) 5.0mm lead spacing.
F1TR, F1TB 2.5mm lead spacing.
Parts with diameters up to
9.0mm are available packaged
on tape. Larger diameter parts
are bulk only.
D
S
P
W
2
W1
∆p
p
2
d
W
H
3
H
L H
1
T
D
d
D
d
Diameter
30 max.
360 max.
45 max.
40 min.
53 max.
e
d
o
C
s
n
o
i
s
n
e
m
i
D
P
7
.
2
1
± 3
.
0
P1
0
5
.
5
± 0
.
1
P2
5
3
.
6
± 4
.
0
σ
P
± 0
.
1
d
5
.
0 ±
5
0
.
0
S
0
.
5
=
B
T
2
F
,
R
T
2
F
5
.
2
=
B
T
1
F
,
R
T
1
F
∆h
± 0
.
2
D
0
.
4 ± 2
.
0
W
+ 0
.
1
8
1
..
..
..
..
..
..
5
.
0
-
W1
.
n
i
m
0
.
6
W2
.
x
a
m
0
.
1
H
6
1 ± 5
.
0
9
1 ± 0
.
1
H1
0
.
9 ± 5
.
0
H2
0
.
8
1
H3
5
2
.
2
3
L
.
x
a
m
0
.
1
1
T
7
.
0 ± 2
.
0
e
z
i
S
e
s
a
C
l
e
e
R
o
m
m
A
0
.
7
x
5
.
4
0
0
5
1
-
0
0
0
1
0
0
0
3
5
.
7
x
5
.
4
0
5
2
1
-
0
0
0
1
0
0
0
3
5
.
8
x
0
.
5
0
5
2
1
-
0
0
0
1
0
0
0
3
0
.
9
x
0
.
5
0
5
2
1
-
0
0
0
1
0
0
0
3
0
.
9
x
5
.
5
0
0
0
1
0
0
5
2
0
.
0
1
x
0
.
6
0
0
0
1
0
0
5
2
0
.
0
1
x
5
.
6
0
5
7
0
0
5
2
5
.
0
1
x
0
.
7
0
5
7
0
0
0
2
0
.
3
1
x
0
.
8
0
5
7
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
.
4
1
x
5
.
8
0
0
5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
.
4
1
x
0
.
9
0
0
5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
.
4
1
x
0
.
9
0
0
5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
∆s
H
3
H
L H
1
∆p
p
2
S
P
W
2
W1
W
T
∆s
H
3
H
L H
1
∆p
p
2
S
P
W
2
W1
W
T
∆s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com