Electronic Components Datasheet Search
  English  ▼

X  

NDTM Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NDTM
Description  Resin Dipped, Solid Tantalum Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NDTM Datasheet(HTML) 1 Page - NIC-Components Corp.

  NDTM Datasheet HTML 1Page - NIC-Components Corp. NDTM Datasheet HTML 2Page - NIC-Components Corp. NDTM Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
162
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
163
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Resin Dipped, Solid Tantalum Capacitors
FEATURES
• FLUIDIZED BED PROCESS
• NEW REDUCED SIZES
• FLAME RETARDANT COATING
• LOW LEAKAGE CURRENT AND IMPEDANCE
• EXCEPTIONAL TEMPERATURE STABILITY
NDTM Series
SPECIFICATIONS
DERATED VOLTAGE AND SURGE VOLTAGE
:
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
1
.
0
µ
0
3
3
~
F
µF
:
e
c
n
a
r
e
l
o
T
e
c
n
a
ti
c
a
p
a
C
+
,
)
M
(
%
0
2
+
)
K
(
%
0
1
:
)
C
D
V
(
e
g
a
tl
o
V
d
e
t
a
R
3
.
6
0
1
6
1
0
2
5
2
5
3
0
5
:
)
C
D
V
(
e
g
a
tl
o
V
e
g
r
u
S
8
3
1
0
2
6
2
6
3
6
4
5
6
:
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
)
g
n
it
a
r
e
D
h
ti
w
C
°
5
2
1
+
(
C
°
5
8
+
~
C
°
5
5
-
)
C
D
V
(
e
g
a
tl
o
V
d
e
t
a
R
5
8
+ o :
C
3
.
6
0
1
6
1
0
2
5
2
5
3
0
5
)
C
D
V
(
e
g
a
tl
o
V
d
e
t
a
r
e
D
5
2
1
+
o
:
C
4
3
.
6
0
1
3
1
6
1
3
2
3
3
)
C
D
V
(
e
g
a
tl
o
V
e
g
r
u
S
5
8
+ o :
C
8
3
1
0
2
6
2
3
3
6
4
5
6
)
C
D
V
(
e
g
a
tl
o
V
e
g
r
u
S
d
e
t
a
r
e
D
5
2
1
+
o
:
C
5
9
2
1
6
1
1
2
8
2
0
4
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
n
a
T
δ
:
r
o
t
c
a
F
n
o
it
a
p
i
s
s
i
D
5
.
1
~
1
.
0
µF
%
4
n
a
h
t
s
s
e
L
5
2
+
,
z
h
0
2
1
(
o
)
C
8
.
6
~
2
.
2
µF
%
6
n
a
h
t
s
s
e
L
n
a
T
δ
8
6
~
0
1
µF
%
8
n
a
h
t
s
s
e
L
0
3
3
~
0
0
1
µF
%
0
1
n
a
h
t
s
s
e
L
:
y
ti
li
b
a
il
e
R
1
.
0
h
ti
w
C
°
5
8
t
a
.
s
r
h
0
0
0
1
r
e
p
%
1
Ω V
/
e
v
e
l
e
c
n
e
d
if
n
o
c
%
0
6
,
e
c
n
a
d
e
p
m
i
s
e
ir
e
s
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
�
� �
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
�
� �
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�


Similar Part No. - NDTM

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
Isolated 3W Wide Input Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NDT-03C ETC2-NDT-03C Datasheet
241Kb / 2P
Specifications
logo
Texas Instruments
NDT0003A TI-NDT0003A Datasheet
1Mb / 22P
LM120/LM320-N Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
NDT014 FAIRCHILD-NDT014 Datasheet
225Kb / 10P
N-Channel Enhancement Mode Field Effect Transistor
NDT014L FAIRCHILD-NDT014L Datasheet
229Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - NDTM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
15-Aug-02
489D VISHAY-489D Datasheet
116Kb / 8P
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
02-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
Resin-Molded, Radial-Lead Solid Tantalum Capacitors
26-Mar-02
logo
Panasonic Semiconductor
ECS-F0JE106K PANASONIC-ECS-F0JE106K Datasheet
280Kb / 4P
Resin-dipped type tantalum solid electrolytic capacitors
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
Resin-Molded, Radial-Lead Solid Tantalum Capacitors
18-Jun-12
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
12-Jun-06
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
04-Aug-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com