Electronic Components Datasheet Search
  English  ▼

X  

NEZVL Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NEZVL
Description  V-Chip Memory Back-Up Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEZVL Datasheet(HTML) 2 Page - NIC-Components Corp.

  NEZVL Datasheet HTML 1Page - NIC-Components Corp. NEZVL Datasheet HTML 2Page - NIC-Components Corp. NEZVL Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Case
Diameter
RS
T
12.5
4.0
6.0
3.2
LAND PATTERN DIMENSIONS (mm)
T
R
S
S
COMPONENT OUTLINE
STANDARD RECOMMENDED REFLOW PROFILE
Peak Temperature
(260°C for 10 sec.)
50
100
150
200
250
Time
Pre-heat
<150°C 120 sec. max.
25
0
Cool Down
Time above 230°C
30 sec. max.
V-Chip Memory Back-Up Capacitors
1. The temperatures shown are the surface temperature values on the top of the can and on the capacitor terminals.
2. 2x reflow process maximum. Capacitor should be allowed to return to room temperature before second reflow process.
NEZVL 224 Z 5.5V 12.5x10.5 TR F
RoHS Compliant
Tape & Reel
Size in mm
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
NEZVN & NEZVL Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com