Electronic Components Datasheet Search
  English  ▼

X  

NEZVL Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEZVL
Description  V-Chip Memory Back-Up Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEZVL Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEZVL Datasheet HTML 1Page - NIC-Components Corp. NEZVL Datasheet HTML 2Page - NIC-Components Corp. NEZVL Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
V-Chip Memory Back-Up Capacitors
NEZVN & NEZVL Series
NIC P/N
Capacitance
Value (F)
Working
Voltage
(VDC)
Holding
Voltage
(VDC min.)
Max. Leakage Current
after 30 minutes (
μA)
Max. ESR
@ 1KHz (
Ω)
NEZVN473Z5.5V12.5X8.5TRF
0.047
5.5
4.0
69
30
NEZVN104Z5.5V12.5X8.5TRF
0.1
5.5
4.0
100
30
NEZVN224Z5.5V12.5X8.5TRF
0.22
5.5
4.0
135
30
NEZVL473Z5.5V12.5X10.5TRF
0.047
5.5
4.0
69
45
NEZVL104Z5.5V12.5X10.5TRF
0.1
5.5
4.0
100
45
NEZVL224Z5.5V12.5X10.5TRF
0.22
5.5
4.0
135
45
Series
NEZVN
NEZVL
Operating Temperature Range
-25°C ~ +70°C
-40°C ~ +85°C
Rated Capacitance Range
0.047F (47,000
μF), 0.1F (100,000μF) and 0.22F (220,000μF)
Capacitance Tolerance
+80%/-20% (Z)
Rated Voltage Range
5.5VDC
Load Life Test
1,000 hours
NEZVN @ +70°C
NEZVL @ +85°C
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
Maximum Leakage Current
Less than 200% of the specified maximum value
Characteristics
at
High & Low
Temperature
NEZVN @ -25°C ~ +70°C
Δ Capacitance Change
Less than ±30% of 20°C value
Maximum ESR
Less than 500% of 20°C value
Maximum Leakage Current
Less than 400% of 20°C value
NEZVL @ -40°C ~ +85°C
Δ Capacitance Change
Less than ±30% of 20°C value
Maximum
ESR
-40°C
Less than 700% of 20°C value
-25°C/+85°C
Less than 500% of 20°C value
Maximum Leakage Current
Less than 400% of the specified maximum value
Vibration
10 ~ 55Hz (1 min./sweep)
Total Amplitude 1.5mm, 2Hr in XYZ Directon
Δ Capacitance Change
Less than ±10% of initial measured value
Maximum ESR
Less than initial specified maximum value
Maximum Leakage Current
Less than initial specified maximum value
Resistance to Soldering Heat
Peak Temp. +260°C
(Time over +230°C <30 seconds)
Δ Capacitance Change
Less than ±10% of initial measured value
Maximum ESR
Less than initial specified maximum value
Maximum Leakage Current
Less than initial specified maximum value
Case Size
D
φ ± 0.5
L max.
A/B ±0.2
I
W
P
12.5X8.5
12.5
8.5
13.0
5.0
1.2
5.0
12.5X10.5
12.5
10.5
13.0
5.0
1.2
5.0
FEATURES
• DOUBLE LAYER CONSTRUCTION
• HIGH TEMPERATURE REFLOW (+260°C)
• SURFACE MOUNTABLE V-CHIP STYLE
• EXTENDED TEMPERATURE RANGE (UP TO +85°C FOR NEZVL)
CASE DIMENSIONS (mm)
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional precautions can be found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details
with NIC’s technical support personnel: tpmg@niccomp.com
+
-
0.3mm max.
D
φ
w
P
B
A
I
L
I
PET Sleeving
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NEZVL

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEZVL104Z5.5V12.5X10.5TRF NIC-NEZVL104Z5.5V12.5X10.5TRF Datasheet
91Kb / 3P
V-Chip Memory Back-Up Capacitors
NEZVL224Z5.5V12.5X10.5TRF NIC-NEZVL224Z5.5V12.5X10.5TRF Datasheet
91Kb / 3P
V-Chip Memory Back-Up Capacitors
NEZVL473Z5.5V12.5X10.5TRF NIC-NEZVL473Z5.5V12.5X10.5TRF Datasheet
91Kb / 3P
V-Chip Memory Back-Up Capacitors
More results

Similar Description - NEZVL

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXC NIC-NEXC Datasheet
113Kb / 3P
V-Chip Memory Back-Up Capacitors
NEXCW NIC-NEXCW Datasheet
116Kb / 2P
V-Chip Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
Memory Back-Up Capacitors
NEZVN-NEZVL NIC-NEZVN-NEZVL Datasheet
91Kb / 3P
V-Chip Memory Back-Up Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com