Electronic Components Datasheet Search
  English  ▼

X  

APV1122 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APV1122
Description  PhotoMOS Relay Dimensions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APV1122 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APV1122 Datasheet HTML 1Page - List of Unclassifed Manufacturers APV1122 Datasheet HTML 2Page - List of Unclassifed Manufacturers APV1122 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
mm inch
Type
Dimensions
AQW21HEH
AQW21HHL
AQW41HEH
AQW61HEH
Series
APV21
(SSOP)
AQY22
(SSOP)
Series
APV21(SOP)
APV11(SOP)
AQY21(SOP)
AQY22(SOP)
AQY41(SOP)
Series
AQV21(SOP)
AQV22(SOP)
AQV41(SOP)
Series
AQW21(SOP)
AQW61(SOP)
Series
Through hole terminal type
Surface mount terminal type
PC board pattern (Bottom view)
Tolerance:
±
0.1 ±.004
General tolerance: ±0.1 ±.004
General tolerance: ±0.1 ±.004
Terminal thickness =
0.2 .008
Terminal thickness =
0.2 .008
Tolerance:±0.1 ±.004
Mounting pad (Top view)
8-0.8 dia.
8-.031 dia.
7.62
.300
7.62
.300
6.4
.252
2.54
.100
2.54
.100
8.3
.327
1.9
.075
1.5
.059
2.54
.100
2.54
.100
2.54
.100
1.0
.039
2.7±0.05
.106±.002
7.62±0.05
.300±.002
Max. 10°
6.4±0.05
.252±.002
9.86±0.05
.388±.002
6.4±0.05
.252±.002
9.86±0.05
.388±.002
2.7±0.05
.106±.002
7.62±0.05
.300±.002
Max. 10°
Max. 10°
0.33
.013
0.2
.008
1.0
.039
3.0
.118
0.47
.019
3.2±0.2
.126±.008
0.47
.019
0.47
.019
0.47
.019
2.54
.100
2.54
.100
2.54
.100
1.0
.039
1.0
.039
1.0
.039
1.0
.039
2.7±0.05
.106±.002
0.47
.019
0.47
.019
0.47
.019
0.47
.019
2.54
.100
2.54
.100
2.54
.100
0.2
.008
±
0.2
0
±
.008
0
Terminal thickness = 0.15 .006
General tolerance: ±0.5 ±.020
Tolerance: ±0.1 ±.004
Recommended mounting pad
(TOP VIEW)
4.45
.175
1.80
.071
0.20
.008
0.20
.008
(4.85)
(.191)
0.40
.016
0.40
.016
1.27
.050
2.65
.104
0.70
.028
0.90
.035
4.35
.171
1.27
.050
Recommended mounting pad (Top view)
4.4
.173
4.3
.169
2.0
.079
2.54
.100
0.1
.004
0.4
.016
6.8
.268
0.5
.020
0.5
.020
0.4
.016
±
0.2
±
.008
±
.008
±
.008
±
0.2
±
0.2
±
0.4
±
.016
1.2
.047
0.8
.031
2.54
.100
6
.236
Terminal thickness =
0.15 .006
General tolerance: ±0.1 ±.004
Tolerance: ±0.1 ±.004
0.5
.020
0.1
.004
0.5
.020
6.8±0.4
.268±.016
2±0.2
.079±.008
4.4±0.2
.173±.008
6.3±0.2
.248±.008
2.54
.100
0.4
.016
0.4
.016
0.4
.016
2.54
.100
2.54
.100
1.2
.047
6
.236
0.8
.031
2.54
.100
Recommended mounting pad (Top view)
Terminal thickness =
0.15 .006
General tolerance: ±0.1 ±.004
Tolerance: ±0.1 ±.004
Recommended mounting pad (Top view)
0.5
.020
0.5
.020
6.8±0.4
.268±.016
4.4±0.2
.173±.008
9.37±0.2
.369±.008
2±0.2
.079±.008
0.1
.004
0.4
.016
0.4
.016
0.4
.016
0.4
.016
2.54
.100
2.54
.100
2.54
.100
2.54
.100
1.2
.047
6
.236
0.8
.031
2.54
.100
2.54
.100
Terminal thickness =
0.15 .006
General tolerance: ±0.1 ±.004
Tolerance: ±0.1 ±.004
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com