Electronic Components Datasheet Search
  English  ▼

X  

APV1122 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APV1122
Description  PhotoMOS Relay Dimensions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APV1122 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APV1122 Datasheet HTML 1Page - List of Unclassifed Manufacturers APV1122 Datasheet HTML 2Page - List of Unclassifed Manufacturers APV1122 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PhotoMOS Relay Dimensions
mm inch
Type
Dimensions
AQY21
AQY41
Series
AQV10
AQV20
AQV21
AQV22
AQV23
AQV25
AQV41
AQV45
Series
APV1122
Series
AQW21
AQW22
AQW25
AQW41
AQW45
AQW61
AQW65
Series
Through hole terminal type
Surface mount terminal type
PC board pattern (Bottom view)
General tolerance: ±0.1 ±.004
General tolerance: ±0.1 ±.004
Terminal thickness =
0.2 .008
Terminal thickness =
0.2 .008
Tolerance:±0.1 ±.004
Tolerance:
±
0.1 ±.004
Mounting pad (Top view)
8.3
.327
1.9
.075
1.5
.059 2.54
.100
4-0.8 dia.
4-.031 dia.
7.62
.300
6.4
.252
2.54
.100
2.54
.100
4.78±0.05
.188±.002
6.4±0.05
.252±.002
4.78±0.05
.188±.002
6.4±0.05
.252±.002
1.0
.039
2.7±0.05
.106±.002
7.62±0.05
.300±.002
Max. 10°
2.7±0.05
.106±.002
7.62±0.05
.300±.002
Max. 10°
Max. 10°
1.0
.039
0.33
.013
0.2
.008
3.0
.118
0.47
.019
3.2±0.2
.126±.008
0.47
.019
2.54
.100
1.0
.039
1.0
.039
2.7±0.05
.106±.002
0.47
.019
0.47
.019
2.54
.100
0.2
.008
±
0.2
0
±
.008
0
6.4±0.05
.252±.002
7.62±0.05
.300±.002
3.4
.134
3.9±0.2
.154±.008
3
.118
8.8±0.05
.346±.002
6.4±0.05
.252±.002
8.8±0.05
.346±.002
Max. 10°
Terminal thickness =
0.25 .010
Terminal thickness =
0.25 .010
Tolerance:±0.1 ±.004
Recommended
mounting pad (Top view)
Max. 10°
Max. 10°
0.47
.019
0.47
.019
0.47
.019
1.25
.049
2.54
.100
2.54
.100
1.25
.049
1.25
.049
3.4
.134
0.47
.019
0.47
.019
0.47
.019
1.25
.049
2.54
.100
2.54
.100
1.25
.049
1.25
.049
7.6
.299
1
.039
3.4
.134
0.2
.008
+
0.2
−
0
+
.008
−
0
Through hole terminal type
Surface mount terminal type
PC board pattern (Bottom view)
General tolerance: ±0.1 ±.004
General tolerance: ±0.1 ±.004
5.08
.200
6-0.8 dia.
6-.031 dia.
7.62
.300
6.4
.252
2.54
.100
2.54
.100
8.3
.327
1.9
.075
1.5
.059
2.54
.100
2.54
.100
6.4±0.05
.252±.002
8.8±0.05
.346±.002
Terminal thickness =
0.25 .010
Terminal thickness =
0.25 .010
Tolerance:±0.1 ±.004
Recommended
mounting pad (Top view)
Max. 10°
3.4
.134
0.47
.019
0.47
.019
0.47
.019
1.25
.049
2.54
.100
2.54
.100
1.25
.049
1.25
.049
7.6
.299
1
.039
3.4
.134
0.2
.008
+
0.2
−
0
+
.008
−
0
Through hole terminal type
Surface mount terminal type
PC board pattern (Bottom view)
General tolerance: ±0.1 ±.004
General tolerance: ±0.1 ±.004
6.4±0.05
.252±.002
7.62±0.05
.300±.002
3.4
.134
3.9±0.2
.154±.008
3
.118
8.8±0.05
.346±.002
Max. 10°
Max. 10°
0.47
.019
0.47
.019
0.47
.019
1.25
.049
2.54
.100
2.54
.100
1.25
.049
1.25
.049
5.08
.200
6-0.8 dia.
6-.031 dia.
7.62
.300
6.4
.252
2.54
.100
2.54
.100
8.3
.327
1.9
.075
1.5
.059
2.54
.100
2.54
.100
6.4
.252
7.62
.300
3.4
.134
3.9±0.2
.154±.008
3
.118
9.78
.385
Max. 10°
Terminal thickness =
0.25 .010
Terminal thickness =
0.25 .010
Tolerance:±0.1 ±.004
Recommended
mounting pad (Top view)
Max. 10°
Max. 10°
0.47
.019
0.47
.019
1.25
.049
0.47
.019
1
.039
1
.039
0.47
.019
1.25
.049
2.54
.100
2.54
.100
2.54
.100
0.47
.019
0.47
.019
1.25
.049
0.47
.019
1
.039
1
.039
0.47
.019
1.25
.049
2.54
.100
2.54
.100
2.54
.100
7.62
.300
1
.039
3.4
.134
3.4
.134
0.2
.008
+
0.2
−
0
+
.008
−
0
6.4
.252
9.78
.385
Through hole terminal type
Surface mount terminal type
PC board pattern (Bottom view)
General tolerance: ±0.1 ±.004
General tolerance: ±0.1 ±.004
7.62
.300
8-0.8 dia.
8-.031 dia.
7.62
.300
2.54
.100
6.4
.252
2.54
.100
1.9
.075
1.5
.059
2.54
.100
2.54
.100
2.54
.100
8.3
.327
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - APV1122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APV1122 ETC1-APV1122 Datasheet
64Kb / 3P
Photovoltaic MOSFET drivers of wide variation
logo
Panasonic Semiconductor
APV1122 PANASONIC-APV1122 Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving
APV1122 PANASONIC-APV1122 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
APV1122 PANASONIC-APV1122 Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER
APV1122 PANASONIC-APV1122 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
More results

Similar Description - APV1122

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
PhotoMOS RELAYS
logo
Panasonic Semiconductor
AQY222R1S PANASONIC-AQY222R1S Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQY21 PANASONIC-AQY21 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQW213EH PANASONIC-AQW213EH Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQY225NS ETC2-AQY225NS Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQY225NSZ ETC2-AQY225NSZ Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQV225N ETC-AQV225N Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQW212EHAX ETC2-AQW212EHAX Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com