Electronic Components Datasheet Search
  English  ▼

X  

DS1000 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1000
Description  5-Tap Silicon Delay Line
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1000 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1000 Datasheet HTML 1Page - Dallas Semiconductor DS1000 Datasheet HTML 2Page - Dallas Semiconductor DS1000 Datasheet HTML 3Page - Dallas Semiconductor DS1000 Datasheet HTML 4Page - Dallas Semiconductor DS1000 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
111799
FEATURES
All-silicon time delay
5 taps equally spaced
Delays are stable and precise
Both leading and trailing edge accuracy
Delay tolerance
±5% or ±2 ns, whichever is
greater
Low-power CMOS
TTL/CMOS-compatible
Vapor phase, IR and wave solderable
Custom delays available
Fast turn prototypes
Extended temperature range available
(DS1000-IND)
PIN ASSIGNMENT
PIN DESCRIPTION
TAP 1-TAP 5 - TAP Output Number
VCC
- +5 Volts
GND
- Ground
NC
- No Connection
IN
- Input
DESCRIPTION
The DS1000 series delay lines have five equally spaced taps providing delays from 4 ns to 500 ns. These
devices are offered in a standard 14-pin DIP that is pin-compatible with hybrid delay lines. Alternatively,
8-pin DIPs and surface mount packages are available to save PC board area. Low cost and superior
reliability over hybrid technology is achieved by the combination of a 100% silicon delay line and
industry standard DIP and SOIC packaging. In order to maintain complete pin compatibility, DIP
packages are available with hybrid lead configurations. The DS1000 series delay lines provide a nominal
accuracy of
±5% or ±2 ns, whichever is greater. The DS1000 5-Tap Silicon Delay Line reproduces the
input logic state at the output after a fixed delay as specified by the extension of the part number after the
dash. The DS1000 is designed to reproduce both leading and trailing edges with equal precision. Each
tap is capable of driving up to ten 74LS loads. Dallas Semiconductor can customize standard products to
meet special needs. For special requests and rapid delivery, call 972-371-4348.
DS1000
5-Tap Silicon Delay Line
www.dalsemi.com
IN
NC
NC
TAP 2
TAP 4
NC
GND
NC
NC
NC
TAP 5
TAP 3
TAP 1
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DS1000 14-Pin DIP (300-mil)
See Mech. Drawings Section
IN
TAP 2
TAP 4
GND
VCC
TAP 1
TAP 3
TAP 5
1
2
3
4
6
5
8
7
DS1000M 8-Pin DIP (300-mil)
See Mech. Drawings Section
IN
TAP 2
TAP 4
GND
VCC
TAP 1
TAP 3
TAP 5
1
2
3
4
6
5
8
7
DS1000Z 8-Pin SOIC (150-mil)
See Mech. Drawings Section


Similar Part No. - DS1000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1000-100 MAXIM-DS1000-100 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1000-125 MAXIM-DS1000-125 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1000-150 MAXIM-DS1000-150 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1000-175 MAXIM-DS1000-175 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
More results

Similar Description - DS1000

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1004 DALLAS-DS1004 Datasheet
54Kb / 6P
5-Tap High Speed Silicon Delay Line
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
10-Tap Silicon Delay Line
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1518-5-10T1 DATADELAY-1518-5-10T1 Datasheet
27Kb / 2P
5-TAP SMD DELAY LINE
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com