Electronic Components Datasheet Search
  English  ▼

X  

DS1000 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1000
Description  5-Tap Silicon Delay Line
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1000 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1000 Datasheet HTML 1Page - Dallas Semiconductor DS1000 Datasheet HTML 2Page - Dallas Semiconductor DS1000 Datasheet HTML 3Page - Dallas Semiconductor DS1000 Datasheet HTML 4Page - Dallas Semiconductor DS1000 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS1000
3 of 5
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF
NOTES:
1. Initial tolerances are
±=with respect to the nominal value at 25°C and 5V.
2. Temperature tolerance is
±=with respect to the initial delay value over a range of 0°C to 70°C.
3. The delay will also vary with supply voltage, typically by less than 4% over the range 4.75 to 5.25V.
4. All tap delays tend to vary uni-directionally with temperature or voltage changes. For example, if
TAP 1 slows down, all other taps also slow down; TAP3 can never be faster than TAP2.
5. Intermediate delay values and packaging variations are available on a custom basis. For further
information, call 972-371–4348.
6. All voltages are referenced to ground.
7. Measured with outputs open.
8. Pulse width and period specifications may be exceeded; however, accuracy may be impaired
depending on application (decoupling, layout, etc.). The device will remain functional with pulse
widths down to 20% of Tap 5 delay, and input periods as short as 2(tWI).
9. ICC is a function of frequency and TAP 5 delay. Only a -25 operating with a 40-ns period and VCC =
5.25V will have an ICC = 75 mA. For example a -100 will never exceed 30 mA, etc.
10. See “Test Conditions” section at the end of this data sheet.
TIMING DIAGRAM: SILICON DELAY LINE Figure 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com