Electronic Components Datasheet Search
  English  ▼

X  

DS1010 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1010
Description  10-Tap Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1010 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1010 Datasheet HTML 1Page - Dallas Semiconductor DS1010 Datasheet HTML 2Page - Dallas Semiconductor DS1010 Datasheet HTML 3Page - Dallas Semiconductor DS1010 Datasheet HTML 4Page - Dallas Semiconductor DS1010 Datasheet HTML 5Page - Dallas Semiconductor DS1010 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon time delay
10 taps equally spaced
Delays are stable and precise
Leading and trailing edge accuracy
Delay tolerance ±5% or ±2 ns, whichever is
greater
Economical
Auto-insertable, low profile
Standard 14-pin DIP or 16-pin SOIC
Low-power CMOS
TTL/CMOS-compatible
Vapor phase, IR and wave solderable
Custom delays available
Fast turn prototypes
PIN ASSIGNMENT
PIN DESCRIPTION
TAP 1 - TAP 10 - TAP Output Number
VCC
- 5 Volts
GND
- Ground
NC
- No Connection
IN
- Input
DESCRIPTION
The DS1010 series delay line has ten equally spaced taps providing delays from 5 ns to 500 ns. The
devices are offered in a standard 14-pin DIP which is pin-compatible with hybrid delay lines.
Alternatively, a 16-pin SOIC is available for surface mount technology which reduces PC board area.
Since the DS1010 is an all-silicon solution, better economy is achieved when compared to older methods
using hybrid techniques. The DS1010 series delay lines provide a nominal accuracy of ±5% or ±2 ns,
whichever is greater. The DS1010 reproduces the input logic state at the TAP 10 output after a fixed
delay as specified by the dash number extension of the part number. The DS1010 is designed to produce
both leading and trailing edge with equal precision. Each tap is capable of driving up to 10 74LS type
loads. Dallas Semiconductor can customize standard products to meet special needs. For special requests
and rapid delivery, call (972) 371-4348.
DS1010
10-Tap Silicon Delay Line
www.dalsemi.com
DS1010S 16-Pin SOIC
(300-mil)
See Mech. Drawings Section
IN1
NC
TAP 2
TAP 4
TAP 8
TAP 6
TAP 1
TAP 7
TAP 10
TAP 9
TAP 5
VCC
1
2
3
4
5
6
7
14
13
12
11
10
8
9
GND
TAP 3
DS1010 14-Pin DIP (300-mil)
See Mech. Drawings Section
IN1
NC
NC
TAP 2
TAP 6
TAP 4
GND
NC
TAP 5
TAP 9
TAP 10
TAP 7
TAP 3
VCC
1
2
3
4
5
6
7
16
15
14
13
12
8
9
10
11
TAP 8
TAP 1


Similar Part No. - DS1010

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1010 TTELEC-DS1010 Datasheet
515Kb / 2P
Platon NS Series Pelton Wheel Flowmeter
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
DS1010-100 MAXIM-DS1010-100 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
DS1010-125 MAXIM-DS1010-125 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
DS1010-150 MAXIM-DS1010-150 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
More results

Similar Description - DS1010

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
5-Tap Silicon Delay Line
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
10-Tap Silicon Delay Line
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
3V 10-Tap Silicon Delay Line
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
10-Tap Silicon Delay Line
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com