Electronic Components Datasheet Search
  English  ▼

X  

DS1010 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1010
Description  10-Tap Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1010 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1010 Datasheet HTML 1Page - Dallas Semiconductor DS1010 Datasheet HTML 2Page - Dallas Semiconductor DS1010 Datasheet HTML 3Page - Dallas Semiconductor DS1010 Datasheet HTML 4Page - Dallas Semiconductor DS1010 Datasheet HTML 5Page - Dallas Semiconductor DS1010 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1010
4 of 6
NOTES:
1. All voltages are referenced to ground.
2. Measured with outputs open.
3. VCC = 5V @ 25°C. Input-to-tap delays accurate on both rising and falling edges within ±2 ns or ±5%
whichever is greater.
4. See “Test Conditions” section.
5. For DS1010 delay lines with a TAP 10 delay of 100 ns or greater, temperature variations from 25
°C
to 0
°C or 70°C may produce an additional input-to-tap delay shift of ±2ns or ±3%, whichever is
greater.
6. For DS1010 delay lines with a TAP 10 delay less than 100 ns, temperature variations from 25
°C to
0
°C or 70°C may produce an additional input-to-tap delay shift of ±1 ns or ±9%, whichever is greater.
7. All tap delays tend to vary unidirectionally with temperature or voltage changes. For example, if TAP
1 slows down, all other taps will also slow down; TAP 3 can never be faster than TAP 2.
8. Pulse width and period specifications may be exceeded; however, accuracy will be application-
sensitive (decoupling, layout, etc.).
9. Certain high-frequency applications not recommended for -50 in 16-pin package. Consult factory.
TIMING DIAGRAM: SILICON DELAY LINE Figure 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com