| Electronic Components Datasheet Search |
|
DS1045 Datasheet(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1045 Datasheet(HTML) 2 Page - Dallas Semiconductor |
|
2 / 6 page ![]() DS1045 2 of 6 PARALLEL PROGRAMMING Parallel programming of the DS1045 is accomplished via the set of parallel inputs A0-A3 and B0-B3 as shown in Figure 1. Parallel input A0-A3 and B0-B3 accept TTL levels and are used to set the delay values of outputs OUTA and OUTB, respectively. Sixteen possible delay values between the minimum 9 ns delay and the maxi-mum delay of the DS1045-x device version can be selected using the parallel programming inputs A0-A3 or B0-B3 (see Table 2, “Delay vs. Programmed Input”). For example, the DS1045-3 outputs OUTA or OUTB and can be programmed to produce 16 possible delays between the 9 ns (minimum) and the 54 ns (maximum) in 3 ns increment levels. For applications that do not require frequent reprogramming, the parallel inputs can be set using fixed logic levels, as would be produced by jumpers, DIP switches, or TTL levels as produced by computer systems. Maximum flexibility in parallel programming can be achieved when inputs are set by computer- generated data. By using the enable input pins for each respective programmed output and observing the input setup (tDSE) and hold time (tDHE) requirements, data can be latched on an 8-bit bus. If the enable pins, EA and EB , are not used to latch data, they should be set to a logic level 1. After each change in the programmed delay value, a settling time (tEDV) or (tPDV) is required before the delayed output signal is reliably produced. Since the DS1045 is a CMOS design, undefined input pins should be connected to well defined logic levels and not left floating. PART NUMBER TABLE Table 1 PART NUMBER STEP ZERO DELAY MAX DELAY TIME MAX DELAY TOLERANCE DS1045-3 9 ±=1 ns 54 ns ±2.5 ns DS1045-4 9 ±=1 ns 69 ns ±3.3 ns DS1045-5 9 ±=1 ns 84 ns ±4.1 ns NOTE: Additional delay step times are available from Dallas Semiconductor by special order. Consult factory for availability. BLOCK DIAGRAM Figure 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |