Electronic Components Datasheet Search
  English  ▼

X  

DS1075 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1075
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1075 Datasheet HTML 1Page - Dallas Semiconductor DS1075 Datasheet HTML 2Page - Dallas Semiconductor DS1075 Datasheet HTML 3Page - Dallas Semiconductor DS1075 Datasheet HTML 4Page - Dallas Semiconductor DS1075 Datasheet HTML 5Page - Dallas Semiconductor DS1075 Datasheet HTML 6Page - Dallas Semiconductor DS1075 Datasheet HTML 7Page - Dallas Semiconductor DS1075 Datasheet HTML 8Page - Dallas Semiconductor DS1075 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
100899
FEATURES
§ Dual Fixed frequency outputs
(30 KHz - 100 MHz)
§ User-programmable on-chip dividers
(from 1 - 513)
§ User-programmable on-chip prescaler
(1, 2, 4)
§ No external components
§ ±0.5% Initial tolerance
§ ±1% variation over temperature and voltage
§ Internal clock, External clock or crystal
reference options
§ Single 5V supply
§ Power-down mode
§ Synchronous output gating
PIN ASSIGNMENT
FREQUENCY OPTIONS
Part No.
Max O/P freq.
DS1075-100
100.000 MHz
DS1075-80
80.000 MHz
DS1075-66
66.667 MHz
DS1075-60
60.000 MHz
DESCRIPTION
The DS1075 is a fixed frequency oscillator requiring no external components for operation. Numerous
operating frequencies are possible in the range of approximately 30 KHz to 100 MHz through the use of
an on-chip programmable prescaler and divider.
The DS1075 features a master oscillator followed by a prescaler and then a programmable divider. The
prescaler and programmable divider are user-programmable with the desired values being stored in
nonvolatile memory. This allows the user to buy an off the shelf component and program it on site prior
to board production. Design changes can be readily accommodated by programming, or reprogramming,
the desired values into the on-chip nonvolatile registers. Evaluation boards, DS1075K and DS1070K are
available to simplify this task.
The DS1075 is shipped from the factory configured for half the maximum operating frequency. Contact
the factory for specially programmed devices. As alternatives to the on-board oscillator an external clock
signal or a crystal may be used as a reference. The choice of reference source (internal or external) is
user-selectable at the time of programming (or on the fly if the SEL mode is chosen).
The DS1075 features a dual-purpose Input/Output pin. If the device is powered up in Program mode this
pin can be used to input serial data to the on-chip registers. After a Write command this data is stored in
nonvolatile memory. When the chip is subsequently powered up in operating mode these values are
automatically restored to the on-chip registers and the Input/Output pin becomes the oscillator output.
The DS1075 is available in 8-pin DIP or SOIC packages, allowing the generation of a clock signal easily,
economically and using minimal board area.
DS1075
EconOscillator/Divider
www.maxim-ic.com.com
I/O
OUT0
VCC
GND
OSCIN
PDN/SELX
XTAL
OE
1
2
3
4
8
7
6
5
DS1075Z 150-MIL SOIC
DS1075M 300-MIL DIP


Similar Part No. - DS1075

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1075 MAXIM-DS1075 Datasheet
133Kb / 1P
Oscillator Programming/ Evaluation Kit
090302
DS1075 MAXIM-DS1075 Datasheet
125Kb / 2P
DS1075X-M Crystal Replacement Module
011101
DS1075K MAXIM-DS1075K Datasheet
133Kb / 1P
Oscillator Programming/ Evaluation Kit
090302
DS1075X-M10 MAXIM-DS1075X-M10 Datasheet
125Kb / 2P
DS1075X-M Crystal Replacement Module
011101
More results

Similar Description - DS1075

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
EconOscillator/Divider
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
3V EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
EconOscillator/Divider
011006
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
3V EconOscillator/Divider
011006
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com