Electronic Components Datasheet Search
  English  ▼

X  

DS1075 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1075
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1075 Datasheet HTML 9Page - Dallas Semiconductor DS1075 Datasheet HTML 10Page - Dallas Semiconductor DS1075 Datasheet HTML 11Page - Dallas Semiconductor DS1075 Datasheet HTML 12Page - Dallas Semiconductor DS1075 Datasheet HTML 13Page - Dallas Semiconductor DS1075 Datasheet HTML 14Page - Dallas Semiconductor DS1075 Datasheet HTML 15Page - Dallas Semiconductor DS1075 Datasheet HTML 16Page - Dallas Semiconductor DS1075 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DS1075
13 of 18
READ/WRITE TIME SLOTS
The definitions of write and read time slots are illustrated below. All time slots are initiated by the master
driving the data line low. The falling edge of the data line synchronizes the DS1075 to the master by
triggering a delay circuit in the DS1075. During write time slots, the delay circuit determines when the
DS1075 will sample the data line. For a read data time slot, if a “0” is to be transmitted, the delay circuit
determines how long the DS1075 will hold the data line low overriding the 1 generated by the master. If
the data bit is a “1”, the DS1075 will leave the read data time slot unchanged.
WRITE “1” TIME SLOT Figure 14
WRITE “0” TIME SLOT Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com