Electronic Components Datasheet Search
  English  ▼

X  

SCM268 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SCM268
Description  Four-Channel Microphone Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCM268 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SCM268 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4
English –
INSTALLATION
Supplied Hardware
S 4 rubber feet. For stand-alone installation.
S 1 rackmount bracket, long. For half-rack (single unit) instal-
lations.
S 1 rackmount bracket, short. For half-rack (single) or dual-
mount installations.
S 2 straddle brackets. For dual-mount or fixed installations.
S 12bracketscrews,1/4in.(6mm).Forsecuringthebrackets
to the chassis.
S 4 rackmount screws, 1 in. (2.5 cm). For mounting the unit in
a rack.
S 4 plastic washers. For use with the supplied rackmount
screws.
S 4 wood screws, 1/2 in. (1.25 cm). For fixed installations.
Bracket Screw
Rackmount Screw
Wood Screw
Rackmount Installation
The SCM268 can be mounted as a single unit or dual-
mounted with either another SCM268 or another Shure half-rack
unit such as the SCM262 or DFR11EQ.
1. Attach the rackmount brackets using one of the following
methods:
Single unit (half-rack) installation: Attach the short and
long rackmount brackets to the SCM268 with eight (8) of the
supplied bracket screws.
Dual-mounted installation:
a)
Connect the two units together side-by-side using two
(2) straddle brackets. The brackets should straddle the
recessed edges on on the top and bottom of each chas-
sis. Fasten them using eight (8) bracket screws.
NOTE: Be sure to use both straddle brackets—one on
the top and one on the bottom.
b)
Attach the
short rackmount brackets to the outsides of
the combined units with eight (8) of the bracket screws.
2. After attaching the brackets, mount the unit in an equipment
rack using the supplied rackmount screws and plastic wash-
ers.
Stand-Alone Installation
Adhere the four (4) supplied rubber feet to the bottom of the
unit at each corner. This will keep it from sliding and protect the
table surface.
Fixed Installation
To permanently affix the SCM262 above or below a table,
shelf, or counter top, use the following steps:
3. Fasten the straddle brackets to the recessed edges of the
chassis using four (4) bracket screws.
Top mount: Fasten the straddle brackets to on the bottom of
the unit
Hanging mount: Fasten the straddle brackets to the top of
the unit.
4. Fasten the straddle brackets to the surface using the four (4)
supplied wood screws.
TOP MOUNT
HANGING MOUNT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com