Electronic Components Datasheet Search
  English  ▼

X  

SCM268 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SCM268
Description  Four-Channel Microphone Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCM268 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SCM268 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6
English –
SPECIFICATIONS
Measurement Conditions (unless otherwise specified): Line
voltage 120 Vac, 60 Hz (SCM268) or 230 Vac, 50 Hz (SCM268E);
full gain; 1 kHz, one channel activated; source impedances: Mic
150
Ω, Aux Level 150 Ω; terminations: Line 600 Ω, Mic 600 Ω, Aux
Out 10 k
Ω. 12 V phantom power off.
Frequency Response (Ref 1 kHz, controls centered)
Microphone Inputs: 150 Hz to 20 Khz
±2 dB (built-in 80Hz low-cut)
Auxiliary Inputs: 20 Hz to 20 kHz
±2 dB
Low-Cut Filter (Microphone inputs only)
3dB down at 80 Hz, 6 dB/octave
Gain (typical, controls full clockwise)
Inp t
Output
Input
Mic
Line
Aux Out
Low-impedance
mic (150
Ω)
38 dB
76 dB
65 dB
Aux Level
3 dB
40 dB
29 dB
Inputs
Impedance
Input
Designed
for use
with
Actual
(typical)
Input
Clipping
Level
Mic
19-600
Ω
1.2 k
Ω
–5 dBV
Aux Level
≤2 kΩ
21 k
Ω
>28 dBV
Outputs
Impedance
Output
Designed
for use
with
Actual
(typical)
Output
Clipping
Level
Mic
low-Z inputs
0.2
Ω
–21 dBV
Line
>600
Ω
72
Ω
+18 dBV
Aux Out
>2 k
Ω
870
Ω
+7 dBV
Total Harmonic Distortion
<0.25% at +4 dBu output level (through 22 Hz-22 kHz filter; Input 1
and Master centered, all other controls full counterclockwise)
Hum and Noise
Equivalent Input Hum and Noise
–124 dBV
. . . . . . . . . . . . . . . .
(150
Ω source; through 22 Hz - 22 kHz filter)
Output Hum and Noise (through 22 Hz to 22 kHz filter; channel
controls full counterclockwise)
Master full counterclockwise
–92 dBV
. . . . . . . . . . . . . . . . . . . . .
Master full clockwise
–70 dBV
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Common Mode Rejection
>80 dB at 1 kHz
Polarity
All inputs to all outputs are non-inverting
Overload and Shorting Protection
Shorting outputs, even for prolonged periods, causes no damage.
Microphone inputs are not damaged by signals up to +10 dBV;
Auxiliary inputs by signals up to +36 dBV
Phantom Power
12 Vdc open-circuit through 340
Ω series resistance
Operating Voltage
SCM268: 100–120 Vac rated nominal, 50/60 Hz, 60 mA
SCM268E: 220–240 Vac rated nominal, 50/60 Hz, 30 mA
Temperature Range
Operating
–7
° to 49° C (20° to 120° F)
. . . . . . . . . . . . . . . . . . .
Storage
–29
° to 74° C (–20° to 165° F)
. . . . . . . . . . . . . . . . . . . .
Overall Dimensions
44 mm H x 218 mm W x 162 mm D
(1.72 x 8.60 x 6.37 inches)
Net Weight
1.20 Kg (2 lbs, 11 oz)
Certifications
SCM268: UL & cUL Listed by Underwriters Laboratories, Inc.
SCM268E: Conforms to European Union directives, eligible to
bear CE marking; VDE GS-Certified to EN 60 065; meets Euro-
pean Union EMC Immunity Requirements (EN 50 082–1, 1992)
Replacement Parts
Knob, Master (blue)
95B8752
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Knob, Channel Gain (white)
95A8752
. . . . . . . . . . . . . . . . . . . . . .
Line (Power) Cords:
SCM268: 100–120 Vac (US/Canada)
95A8762
. . . . . . . . . . .
SCM268E: 220–240 Vac (EU)
95A8778
. . . . . . . . . . . . . . . . .
Fuse, SCM268 (5x20 mm, 250V, 80mA, slow-blow)
80A730
. .
Fuse, SCM268E (5x20 mm, 250V, 40mA, slow-blow)
80J258
.
Optional Accessories
Line (Power) Cord, 230–240 Vac (UK)
95A8713
. . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com