Electronic Components Datasheet Search
  English  ▼

X  

DS1215 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1215
Description  Phantom Time Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1215 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1215 Datasheet HTML 7Page - Dallas Semiconductor DS1215 Datasheet HTML 8Page - Dallas Semiconductor DS1215 Datasheet HTML 9Page - Dallas Semiconductor DS1215 Datasheet HTML 10Page - Dallas Semiconductor DS1215 Datasheet HTML 11Page - Dallas Semiconductor DS1215 Datasheet HTML 12Page - Dallas Semiconductor DS1215 Datasheet HTML 13Page - Dallas Semiconductor DS1215 Datasheet HTML 14Page - Dallas Semiconductor DS1215 Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DS1215
032697 13/15
NOTES:
1. All voltages are referenced to ground.
2. Measured with load shown in Figure 6.
3. Input pulse rise and fall times equal 10 ns.
4. tWR is a function of the latter occurring edge of WE or CE in RAM mode, or OE or CE in ROM mode.
5. tDH and tDS are functions of the first occurring edge of WE or CE in RAM mode, or OE or CE in ROM mode.
6. Measured without RAM connected.
7. Trip point voltage for power–fail detect. VTP = 1.26 x VBAT. For 10% VCC= 5V + 10% operation VBAT = 3.5V max.;
for 5% operation VBAT = 3.7V max.
8. ICC01 is the maximum average load current the DS1215 can supply to memory.
9. Applies to CEO with the ROM/RAM pin grounded. When the ROM/RAM pin is connected to VCCO, CEO will go
to a low level as VCCI falls below VBAT.
10. ICC02 is the maximum average load current that the DS1215 can supply to memory in the battery backup mode.
11. Applies to all input pins except RST. RST is pulled internally to VCCI.
OUTPUT LOAD Figure 6
+5V
50 pF
680
Ω
1.1K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com