Electronic Components Datasheet Search
  English  ▼

X  

DS1215 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1215
Description  Phantom Time Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1215 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1215 Datasheet HTML 1Page - Dallas Semiconductor DS1215 Datasheet HTML 2Page - Dallas Semiconductor DS1215 Datasheet HTML 3Page - Dallas Semiconductor DS1215 Datasheet HTML 4Page - Dallas Semiconductor DS1215 Datasheet HTML 5Page - Dallas Semiconductor DS1215 Datasheet HTML 6Page - Dallas Semiconductor DS1215 Datasheet HTML 7Page - Dallas Semiconductor DS1215 Datasheet HTML 8Page - Dallas Semiconductor DS1215 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS1215
032697 3/15
When the first write cycle is executed, it is compared to
bit 1 of the 64–bit comparison register. If a match is
found, the pointer increments to the next location of the
comparison register and awaits the next write cycle. If a
match is not found, the pointer does not advance and all
subsequent write cycles are ignored. If a read cycle oc-
curs at any time during pattern recognition, the present
sequence is aborted and the comparison register point-
er is reset. Pattern recognition continues for a total of 64
write cycles as described above until all the bits in the
comparison register have been matched. (This bit pat-
tern is shown in Figure 2.) With a correct match for 64
bits, the Time Chip is enabled and data transfer to or
from the timekeeping registers may proceed. The next
64 cycles will cause the Time Chip to either receive data
on D, or transmit data on Q, depending on the level of
OE pin or the WE pin. Cycles to other locations outside
the memory block can be interleaved with CEI cycles
without interrupting the pattern recognition sequence or
data transfer sequence to the Time Chip.
A 32,768 Hz quartz crystal can be directly connected to
the DS1215 via pins 1 and 2 (X1, X2). The crystal se-
lected for use should have a specified load capacitance
(CL) of 6 pF. For more information on crystal selection
and crystal layout considerations, please consult
Application Note 58, “Crystal Considerations with Dal-
las Real Time Clocks”.
TIME CHIP COMPARISON REGISTER DEFINITION Figure 2
76
543
210
11
000
101
00
111
010
10
100
011
01
011
100
11
000
101
00
111
010
10
100
011
01
011
100
C5
3A
A3
5C
C5
3A
A3
5C
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
BYTE 7
HEX
VALUE
NOTE:
The pattern recognition in Hex is C5, 3A, A3, 5C, C5, 3A, A3, 5C. The odds of this pattern being accidentally duplicated
and causing inadvertent entry to the Time Chip are less than 1 in 1019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com