Electronic Components Datasheet Search
  English  ▼

X  

DS1216 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1216
Description  SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1216 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1216 Datasheet HTML 1Page - Dallas Semiconductor DS1216 Datasheet HTML 2Page - Dallas Semiconductor DS1216 Datasheet HTML 3Page - Dallas Semiconductor DS1216 Datasheet HTML 4Page - Dallas Semiconductor DS1216 Datasheet HTML 5Page - Dallas Semiconductor DS1216 Datasheet HTML 6Page - Dallas Semiconductor DS1216 Datasheet HTML 7Page - Dallas Semiconductor DS1216 Datasheet HTML 8Page - Dallas Semiconductor DS1216 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
111901
FEATURES
§ Keeps track of hundredths of seconds,
seconds, minutes, hours, days, date of the
month, months, and years
§ Converts standard 2k x 8 up to 512k x 8
CMOS static RAMs into nonvolatile memory
§ Embedded lithium energy cell maintains
watch information and retains RAM data
§ Watch function is transparent to RAM
operation
§ Month and year determine the number of days
in each month; leap-year compensation valid
up to 2100
§ Lithium energy source is electrically
disconnected to retain freshness until power is
applied for the first time
§ Proven gas-tight socket contacts
§ Full ±10% operating range
§ Operating temperature range: 0°C to +70°C
§ Accuracy is better than ±1 minute/month @
+25
°C
ORDERING INFORMATION
DS1216B, DS1216C, DS1216D, DS1216E,
DS1216F, DS1216H (See Figure 2 for letter suffix
marking identification.)
PIN DESCRIPTION
RST
- RESET
DQ0
- Data Input/Output 0 [RAM]
A2
- Address Bit 2 (Read/Write [ROM])
A0
- Address Bit 0 (Data Input [ROM])
GND
- Ground
CE
- Conditioned Chip Enable
OE
- Output Enable
WE
- Write Enable
Vcc
- Switched VCC for 28-/32-Pin RAM
VCCB - Switched VCC for 24-Pin RAM
VCCD - Switched VCC for 28-Ppin RAM
PART
RAM/ROM
RAM DENSITY
PCB MODIFICATION REQUIRED
FOR DENSITY UPGRADE?
DS1216B
RAM
16k/64k
No/Yes
DS1216C
RAM
64k/256k
No
DS1216D
RAM
256k/1M
No/Yes
DS1216E
ROM
64k/256k
No
DS1216F
ROM
64k/256k/1M
No
DS1216H
RAM
1M/4M
No
DS1216
SmartWatch RAM DS1216B/C/D/H
SmartWatch ROM DS1216E/F
www.maxim-ic.com
DS1216B/C/D/E
28-Pin Intelligent Socket
2
27
WE
3
26
VCCB
4
25
5
24
[A2] 8
21
6
23
9
20
CE
7
22
OE
[A0] 10
19
DQ0 11
18
12
17
13
16
GND 14
15
RST 1
28
VCC


Similar Part No. - DS1216

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1216 MAXIM-DS1216 Datasheet
666Kb / 15P
SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
DS1216B MAXIM-DS1216B Datasheet
666Kb / 15P
SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
DS1216C MAXIM-DS1216C Datasheet
666Kb / 15P
SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
logo
List of Unclassifed Man...
DS1216C38.22 ETC2-DS1216C38.22 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS1216D MAXIM-DS1216D Datasheet
666Kb / 15P
SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
More results

Similar Description - DS1216

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
ATAPI I/F CD-ROM DECODER
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
2Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
4Mbit F-RAM Memory
logo
Maxim Integrated Produc...
DS1216 MAXIM-DS1216 Datasheet
666Kb / 15P
SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com