Electronic Components Datasheet Search
  English  ▼

X  

DS1217M Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1217M
Description  Nonvolatile Read/Write Cartridge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1217M Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1217M Datasheet HTML 1Page - Dallas Semiconductor DS1217M Datasheet HTML 2Page - Dallas Semiconductor DS1217M Datasheet HTML 3Page - Dallas Semiconductor DS1217M Datasheet HTML 4Page - Dallas Semiconductor DS1217M Datasheet HTML 5Page - Dallas Semiconductor DS1217M Datasheet HTML 6Page - Dallas Semiconductor DS1217M Datasheet HTML 7Page - Dallas Semiconductor DS1217M Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1217M
030598 2/8
READ MODE
The DS1217M executes a read cycle whenever WE
(write enable) is inactive (high) and CE (cartridge en-
able) is active (low). The unique address specified by
the address inputs (A0-A14) defines which byte of data
is to be accessed. Valid data will be available to the eight
data I/O pins within tACC (access time) after the last ad-
dress input signal is stable, providing that CE (cartridge
enable) and OE (output enable) access times are also
satisfied. If OE and CE times are not satisfied, then data
access must be measured from the late occurring signal
(CE or OE) and the limiting parameter is either tCO for
CE or tOE for OE rather than address access. Read
cycles can only occur when VCC is greater than 4.5
volts. When VCC is less than 4.5 volts, the memory is in-
hibited and all accesses are ignored.
WRITE MODE
The DS1217M is in the write mode whenever both the
WE and CE signals are in the active (low) state after ad-
dress inputs are stable. The last occurring falling edge
of either CE or WE will determine the start of the write
cycle. The write cycle is terminated by the first rising
edge of either CE or WE. All address inputs must be
kept valid throughout the write cycle. WE must return to
the high state for a minimum recovery time (tWR) before
another cycle can be initiated.The OE control signal
should be kept inactive (high) during write cycles to
avoid bus contention. However, if the output bus has
been enabled (CE and OE active) then WE will disable
the outputs in tODW from its falling edge. Write cycles
can only occur when VCC is greater than 4.5 volts. When
VCC is less than 4.5 volts, the memory is write-pro-
tected.
DATA RETENTION MODE
The Nonvolatile Cartridge provides full functional capa-
bility for VCC greater than 4.5 volts and guarantees write
protection for VCC less than 4.5 volts. Data is main-
tained in the absence of VCC without any additional sup-
port circuitry. The DS1217M constantly monitors VCC.
Should the supply voltage decay, the RAM is automati-
cally write-protected below 4.5 volts. As VCC falls below
approximately 3.0 volts, the power switching circuit con-
nects a lithium energy source to RAM to retain data.
During power-up, when VCC rises above approximately
3.0 volts, the power switching circuit connects the exter-
nal VCC to the RAM and disconnects the lithium energy
source. Normal RAM operation can resume after VCC
exceeds 4.5 volts.
The DS1217M checks battery status to warn of potential
data loss. Each time that VCC power is restored to the
cartridge the battery voltage is checked with a precision
comparator. If the battery supply is less than 2.0 volts,
the second memory cycle is inhibited. Battery status
can, therefore, be determined by performing a read
cycle after power-up to any location in memory, record-
ing that memory location content. A subsequent write
cycle can then be executed to the same memory loca-
tion, altering data. If the next read cycle fails to verify the
written data, the contents of the memory are question-
able.
In many applications, data integrity is paramount. The
cartridge thus has redundant batteries and an internal
isolation switch which provides for the connection of two
batteries. During battery backup time, the battery with
the highest voltage is selected for use. If one battery
fails, the other will automatically take over. The switch
between batteries is transparent to the user. A battery
status warning will occur only if both batteries are less
than 2.0 volts.
BANK SWITCHING
Bank switching is accomplished via address lines A8,
A9, A10, and A11. Initially, on power-up all banks are de-
selected so that multiple cartridges can reside on a com-
mon bus. Bank switching requires that a predefined pat-
tern of 64 bits is matched by sequencing 4 address
inputs (A8 through A11) 16 times while ignoring all other
address inputs. Prior to entering the 64-bit pattern which
will set the band switch, a read cycle of 1111 (address
inputs A8 through A11) must be executed to guarantee
that pattern entry starts with the first set of 3 bits. Each
set of address inputs is entered into the DS1217M by
executing read cycles.The first eleven cycles must
match the exact bit pattern as shown in Table 2. The last
five cycles must match the exact bit pattern for address-
es A9, A10, and A11. However, address line 8 defines
which of the 16 banks is to be enabled, or all banks are
deselected, as per Table 3. Switching from one bank to
another occurs as the last of the 16 read cycles is com-
pleted. A single bank is selected at any one time. A se-
lected bank will remain active until a new bank is se-
lected, all banks are deselected, or until power is lost.
(See DS1222 BankSwitch Chip data sheet for more de-
tail.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com