Electronic Components Datasheet Search
  English  ▼

X  

DS1217M Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1217M
Description  Nonvolatile Read/Write Cartridge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1217M Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1217M Datasheet HTML 1Page - Dallas Semiconductor DS1217M Datasheet HTML 2Page - Dallas Semiconductor DS1217M Datasheet HTML 3Page - Dallas Semiconductor DS1217M Datasheet HTML 4Page - Dallas Semiconductor DS1217M Datasheet HTML 5Page - Dallas Semiconductor DS1217M Datasheet HTML 6Page - Dallas Semiconductor DS1217M Datasheet HTML 7Page - Dallas Semiconductor DS1217M Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS1217M
030598 4/8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Connection Relative to Ground
-0.3V to + 7.0V
Operation Temperature
0
°C to 70°C
Storage Temperature
-40
°C to +70°C
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATION CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.2
VCC
V
Input Low Voltage
VIL
0.0
+0.8
V
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-60
+60
µA
I/O Leakage Current
CE > VIH < VCC
IIO
-10
+10
µA
Output Current @ 2.4V
IOH
-1.0
-2.0
mA
Output Current @ 0.4V
IOL
2.0
3.0
mA
Standby Current CE = 2.2V
ICCS1
15
25
mA
Operating Current
ICCO1
50
100
mA
CAPACITANCE
(tA =25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
100
pF
Input/Output Capacitance
COUT
100
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com