Electronic Components Datasheet Search
  English  ▼

X  

DS1216F Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1216F
Description  SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1216F Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1216F Datasheet HTML 1Page - Dallas Semiconductor DS1216F Datasheet HTML 2Page - Dallas Semiconductor DS1216F Datasheet HTML 3Page - Dallas Semiconductor DS1216F Datasheet HTML 4Page - Dallas Semiconductor DS1216F Datasheet HTML 5Page - Dallas Semiconductor DS1216F Datasheet HTML 6Page - Dallas Semiconductor DS1216F Datasheet HTML 7Page - Dallas Semiconductor DS1216F Datasheet HTML 8Page - Dallas Semiconductor DS1216F Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS1216
4 of 13
SMARTWATCH COMPARISON REGISTER DEFINITION Figure 1
Note: The pattern recognition in Hex is C5, 3A, 5C, C5, 3A, A3, 5C. The odds of this pattern
accidentally duplicating and causing inadvertent entry to the SmartWatch are less than 1 in 1019. This
pattern is sent to the SmartWatch LSB to MSB.
After power-up, the controller could be in the 64-bit clock register read/write sequence (from an
incomplete access prior to power-down). Therefore, it is recommended that a 64-bit read be performed
upon power-up to prevent accidental writes to the clock, and to prevent reading clock data when access to
the RAM would otherwise be expected.
NONVOLATILE CONTROLLER OPERATION
The DS1216 SmartWatch performs circuit functions required to make a CMOS RAM nonvolatile. First, a
switch is provided to direct power from the battery or VCC supply, depending on which voltage is greater.
This switch has a voltage drop of less than 0.2V. The second function that the SmartWatch provides is
power-fail detection, which occurs at VTP. The DS1216 constantly monitors the VCC supply. When VCC
goes out of tolerance, a comparator outputs a power-fail signal to the chip-enable logic. The third function
accomplishes write protection by holding the chip-enable signal to the memory within 0.2V of VCC or
battery. During nominal power-supply conditions, the memory chip-enable signal will track the chip-
enable signal sent to the socket with a maximum propagation delay of 7ns for the 5V and 12ns for the
3.3V version.
FRESHNESS SEAL
Each DS1216 is shipped from Dallas Semiconductor with its lithium energy source disconnected,
ensuring full energy capacity. When VCC is first applied at a level greater than the lithium energy source
is enabled for battery-backup operation.
1
1
0001
0
1
0
0
1110
1
0
1
0
1000
1
1
0
1
0111
0
0
1
1
0001
0
1
0
0
1110
1
0
1
0
1000
1
1
0
1
0111
0
0
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
BYTE 7
C5
3A
A3
5C
C5
3A
A3
5C
HEX
VALUE
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com