Electronic Components Datasheet Search
  English  ▼

X  

DS1216F Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1216F
Description  SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1216F Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1216F Datasheet HTML 1Page - Dallas Semiconductor DS1216F Datasheet HTML 2Page - Dallas Semiconductor DS1216F Datasheet HTML 3Page - Dallas Semiconductor DS1216F Datasheet HTML 4Page - Dallas Semiconductor DS1216F Datasheet HTML 5Page - Dallas Semiconductor DS1216F Datasheet HTML 6Page - Dallas Semiconductor DS1216F Datasheet HTML 7Page - Dallas Semiconductor DS1216F Datasheet HTML 8Page - Dallas Semiconductor DS1216F Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS1216
5 of 13
SMARTWATCH REGISTER INFORMATION
The SmartWatch information is contained in eight registers of 8 bits, each of which is sequentially
accessed one bit at a time after the 64-bit pattern recognition sequence has been completed. When
updating the SmartWatch registers, each must be handled in groups of 8 bits. Writing and reading
individual bits within a register could produce erroneous results. These read/write registers are defined in
Figure 3.
Data contained in the SmartWatch registers is in binary-coded decimal format (BCD). Reading and
writing the registers is always accomplished by stepping through all eight registers, starting with bit 0 of
register 0 and ending with bit 7 of register 7.
AM–PM/12/24 MODE
Bit 7 of the hours register is defined as the 12-hour or 24-hour mode-select bit. When high, the 12-hour
mode is selected. In the 12-hour mode, bit 5 is the AM/PM bit with logic high being PM. In the 24-hour
mode, bit 5 is the second 10-hour bit (20–23 hours).
OSCILLATOR AND RESET BITS
Bits 4 and 5 of the day register are used to control the RESET and oscillator functions. Bit 4 controls the
RESET
(pin 1). When the RESET bit is set to logic 1, the RESET input pin is ignored. When the RESET bit
is set to logic 0, a low input on the RESET pin will cause the SmartWatch to abort data transfer without
changing data in the watch registers. Bit 5 controls the oscillator. When set to logic 1, the oscillator is off.
When set to logic 0, the oscillator turns on and the watch becomes operational. These bits are shipped
from the factory set to logic 1.
ZERO BITS
Registers 1, 2, 3, 4, 5, and 6 contain one or more bits that will always read logic 0. When writing these
locations, either a logic 1 or 0 is acceptable.
ADDITIONAL INFORMATION
Refer to Application Note 52 for information about using regarding optional modifications and the
phantom clock contained within the SmartWatch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com