Electronic Components Datasheet Search
  English  ▼

X  

IRLMS6702 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLMS6702
Description  Generation V Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6702 Datasheet(HTML) 1 Page - International Rectifier

  IRLMS6702 Datasheet HTML 1Page - International Rectifier IRLMS6702 Datasheet HTML 2Page - International Rectifier IRLMS6702 Datasheet HTML 3Page - International Rectifier IRLMS6702 Datasheet HTML 4Page - International Rectifier IRLMS6702 Datasheet HTML 5Page - International Rectifier IRLMS6702 Datasheet HTML 6Page - International Rectifier IRLMS6702 Datasheet HTML 7Page - International Rectifier IRLMS6702 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLMS6702
VDSS = -20V
RDS(on) = 0.20Ω
HEXFET® Power MOSFET
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET® power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
The Micro6
 package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of
nearly 300% compared to the SOT-23.
Description
3/18/04
l
Generation V Technology
l
Micro6 Package Style
l
Ultra Low
RDS(on)
l
P-Channel MOSFET
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-2.4
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-1.9
A
IDM
Pulsed Drain Current 
-13
PD @TA = 25°C
Power Dissipation
1.7
W
Linear Derating Factor
13
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6
Parameter
Min.
Typ.
Max
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
75
°C/W
Thermal Resistance Ratings
www.irf.com
1
Micro6
PD - 91414C


Similar Part No. - IRLMS6702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS6702 IRF-IRLMS6702 Datasheet
174Kb / 8P
HEXFET Power MOSFET
IRLMS6702PBF IRF-IRLMS6702PBF Datasheet
174Kb / 8P
Generation V Technology, Micro6 Package Style, Ultra Low RDS
IRLMS6702PBF IRF-IRLMS6702PBF Datasheet
174Kb / 8P
GENERATION V TECHNOLOGY
IRLMS6702PBF-1 IRF-IRLMS6702PBF-1 Datasheet
210Kb / 8P
Industry-standard pinout Micro-6 Package
IRLMS6702PBF-1 IRF-IRLMS6702PBF-1_15 Datasheet
210Kb / 8P
Industry-standard pinout Micro-6 Package
More results

Similar Description - IRLMS6702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
generation v technology
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
Generation V Technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
generation v technology
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
GENERATION V TECHNOLOGY
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
IRF7316PBF IRF-IRF7316PBF_15 Datasheet
209Kb / 7P
GENERATION V TECHNOLOGY
IRF7317PBF IRF-IRF7317PBF_15 Datasheet
241Kb / 10P
GENERATION V TECHNOLOGY
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
GENERATION V TECHNOLOGY
IRF7606PBF IRF-IRF7606PBF_15 Datasheet
189Kb / 7P
Generation V Technology
IRLMS1902PBF IRF-IRLMS1902PBF_15 Datasheet
197Kb / 8P
GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com