Electronic Components Datasheet Search
  English  ▼

X  

DS1238 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1238
Description  MicroManager
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1238 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1238 Datasheet HTML 6Page - Dallas Semiconductor DS1238 Datasheet HTML 7Page - Dallas Semiconductor DS1238 Datasheet HTML 8Page - Dallas Semiconductor DS1238 Datasheet HTML 9Page - Dallas Semiconductor DS1238 Datasheet HTML 10Page - Dallas Semiconductor DS1238 Datasheet HTML 11Page - Dallas Semiconductor DS1238 Datasheet HTML 12Page - Dallas Semiconductor DS1238 Datasheet HTML 13Page - Dallas Semiconductor DS1238 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS1238
13 of 14
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 5V
± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Fail Detect to RST, RST
tRPD
40
100
175
µs
VTP to NMI
tIPD
40
100
175
µs
RESET Active OSCSEL=High
tRST
40
85
150
ms
ST
Pulse Width
tST
20
ns
13
PBRST @ VIL
tPB
30
ms
VCC Slew Rate 4.75 to 4.25
tF
300
µs
Chip Enable Prop Delay
tPF
20
ns
VCC Fail to Chip Enable High
tCF
712
44
µs
11
VCC Valid to RST (RC=1)
tFPU
100
ns
VCC Valid to RST
tRPU
40
100
150
ms
5
VCC Slew to 4.25 to VBAT
tFB1
10
µs
Chip Enable Output Recovery
Time
tREC
0.1
µs
7
VCC Slew 4.25 to 4.75
tR
0
µs
Chip Enable Pulse Width
tCE
5
µs
8
Watchdog Time Delay Internal
Clock Long period
tTD
1.7
2.7
s
Short Period
110
170
ms
Watchdog Time Delay, External
Clock, after Reset
tTD
20480
clocks
Normal
5120
clocks
VBAT Detect to PF
tPPF
2
µs
OSC IN Frequency
fOSC
0
250
kHz
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com