Electronic Components Datasheet Search
  English  ▼

X  

DS1238 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1238
Description  MicroManager
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1238 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1238 Datasheet HTML 1Page - Dallas Semiconductor DS1238 Datasheet HTML 2Page - Dallas Semiconductor DS1238 Datasheet HTML 3Page - Dallas Semiconductor DS1238 Datasheet HTML 4Page - Dallas Semiconductor DS1238 Datasheet HTML 5Page - Dallas Semiconductor DS1238 Datasheet HTML 6Page - Dallas Semiconductor DS1238 Datasheet HTML 7Page - Dallas Semiconductor DS1238 Datasheet HTML 8Page - Dallas Semiconductor DS1238 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1238
2 of 14
debounce circuit connected to the RST pin. An internal watchdog timer can also force the reset outputs to
the active state if the strobe input is not driven low prior to watchdog timeout. Oscillator control pins
OSCSEL and OSCIN provide either external or internal clock timing for both the reset pulse width and
the watchdog timeout period. The Watchdog Status and Reset Voltage Threshold are provided via WDS
and RVT , respectively. A block diagram of the DS1238 is shown in Figure 1.
PIN DESCRIPTION
PIN NAME
DESCRIPTION
VBAT
+3V battery input provides nonvolatile operation of control functions.
VCCO
VCC output for nonvolatile SRAM applications.
VCC
+5V primary power input.
GND
System ground.
PF
Power-fail indicator, active high, used for external power switching as shown in
Figure 9.
RVT
Reset Voltage Threshold. Indicates that VCC is below the reset voltage threshold.
OSCIN
Oscillator input or timing capacitor. See Table 1.
OSCSEL
Oscillator Select. Selects internal or external clock functions. See Table 1.
IN
Early warning power-fail input. This voltage sense point can be tied (via resistor
divider) to a user-selected voltage.
NMI
Non-maskable interrupt. Used in conjunction with the IN pin to indicate an impending
power failure.
ST
Strobe input. A high-to-low transition will reset the watchdog timer, indicating that
software is still in control.
CEO
Chip enable output. Write protected. Used with nonvolatile SRAM applications.
CEI
Chip enable input.
WDS
Watchdog Status. Indicates that a watchdog timeout has occurred.
RST
Active low reset output.
RST
Active high reset output.
POWER MONITOR
The DS1238 employs a band gap voltage reference and a precision comparator to monitor the 5-volt
supply (VCC) in microprocessor-based systems. When an out-of-tolerance condition occurs, the RVT ,
RST, and RST outputs are driven to the active state. The VCC trip point (VCCTP) is set for 10% operation
so that the RVT , RST and RST outputs will become active as VCC falls below 4.5 volts (4.37 typical).
The VCCTP for the 5% operation option (DS1238-5) is set for 4.75 volts (4.62 typical). The RST and RST
signals are excellent for microprocessor reset control, as processing is stopped at the last possible moment
of in-tolerance VCC. On power up, RVT will become inactive as soon as VCC rises above VCCTP. However,
the RST and RST signals remain active for a minimum of 50 ms (100 ms typical) after VCCTP is reached
to allow the power supply and microprocessor to stabilize.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com