Electronic Components Datasheet Search
  English  ▼

X  

DS1284 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1284
Description  Watchdog Timekeeper Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1284 Datasheet HTML 1Page - Dallas Semiconductor DS1284 Datasheet HTML 2Page - Dallas Semiconductor DS1284 Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
072799
FEATURES
§ Keeps track of hundredths of seconds,
seconds, minutes, hours, days, date of the
month, months, and years; valid leap year
compensation up to 2100
§ Watchdog timer restarts an out-of-control
processor
§ Alarm function schedules real-time related
activities
§ Programmable interrupts and square wave
outputs maintain 28-pin JEDEC footprint
§ All registers are individually addressable via
the address and data bus
§ Accuracy is better than ±2 minute/month at
25°C
§ 50 bytes of user NV RAM
§ Optional 28-pin PLCC surface mount package
§ Low-power CMOS circuitry is maintained on
less than 0.5
µA when power is supplied from
battery input
§ Optional
industrial
temperature
range
available on 28-pin PLCC (-40°C to +85°C)
PIN ASSIGNMENT
PIN DESCRIPTION
INTA
- Interrupt Output A (open drain)
INTB
(INTB) - Interrupt Output B (open drain)
A0-A5
- Address Inputs
DQ0-DQ7
- Data Input/Output
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- +5 Volts
GND
- Ground
NC
- No Connection
SQW
- Square Wave Output
X1,X2
- 32.768 kHz Crystal Connections
VBAT
- +3 Volt Battery Input
RCLR
- RAM Clear
DESCRIPTION
The DS1284 Watchdog Timekeeper Chip is a self-contained real-time clock, alarm, watchdog timer, and
interval timer in a 28-pin JEDEC DIP package or a 28-pin PLCC surface mount package. An external
crystal and battery are the only components required to maintain time-of-day and memory status in the
absence of power. For a complete description of operating conditions, electrical characteristics, bus
timing, and pin descriptions other than X1, X2, VBAT, and RCLR , see the DS1286 Watchdog Timekeeper
data sheet.
DS1284
Watchdog Timekeeper Chip
www.dalsemi.com
DS1284
28-Pin DIP (600-mil)
DS1284
28-Pin PLCC
13
27
X2
A5
A3
A2
A1
A0
DQ0
DQ1
GND
DQ2
VCC
INTB(INTB)
SQW
OE
GND
CE
DQ7
DQ6
DQ5
DQ3
DQ4
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
15
16
X1
NC
A4
INTA
A5
A4
A3
A2
A1
A0
VBAT
RCLR
SQW
OE
GND
CE
DQ0
DQ7
WE
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1
28
27
26
12
13 14
15
16
17
18
VBAT
RCLR


Similar Part No. - DS1284

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284N DALLAS-DS1284N Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284Q DALLAS-DS1284Q Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284Q+ DALLAS-DS1284Q+ Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284Q+R DALLAS-DS1284Q+R Datasheet
384Kb / 18P
Watchdog Timekeepers
More results

Similar Description - DS1284

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1386 DALLAS-DS1386 Datasheet
263Kb / 20P
RAMified Watchdog Timekeeper
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
Watchdog Timekeeper
DS1486 DALLAS-DS1486 Datasheet
251Kb / 17P
RAMified Watchdog Timekeeper
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1380A HOLTEK-HT1380A Datasheet
1Mb / 14P
Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
Watchdog Timekeeper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com