Electronic Components Datasheet Search
  English  ▼

X  

DS1284 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1284
Description  Watchdog Timekeeper Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1284 Datasheet HTML 1Page - Dallas Semiconductor DS1284 Datasheet HTML 2Page - Dallas Semiconductor DS1284 Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS1284
2 of 3
PIN DESCRIPTION
X1, X2 - Connections for a standard 32.768 kHz quartz crystal. The internal oscillator circuitry is
designed for operation with a crystal having a specified load capacitance (CL) of 6 pF. The crystal is
connected directly to the X1 and X2 pins. There is no need for external capacitors or resistors. For more
information on crystal selection and crystal layout considerations, please consult Application Note 58,
“Crystal Considerations with Dallas Real Time Clocks.”
VBAT - Battery input for any standard 3-volt lithium cell or other energy source. Battery voltage must be
held between 2.4 and 3.7 volts for proper operation. The nominal write-protect trip point voltage at which
access to registers containing time, watchdog, alarm, and RAM information is denied is set by internal
circuitry as 1.26 x VBAT. A maximum load of 0.5
µA at 25°C in the absence of power should be used to
size the external energy source. The battery should be connected directly to the VBAT pin. A diode must
not be placed in series with the battery to the VBAT pin. Furthermore, a diode is not necessary because
reverse charging current protection circuitry is provided internal to the device and has passed the
requirements of Underwriters Laboratories for UL listing. An optional ground pin is provided for
connection to battery negative. This pin should be grounded but can be left floating.
RCLR
- The RCLR pin is used to clear (set to logic 1) all 50 bytes of user NV RAM but does not affect
the registers involved with time, alarm, and watchdog functions. In order to clear the RAM, RCLR must
be forced to an input logic 0 (-0. 3 to +0.8 volts) during battery back-up mode when VCC is not applied.
The RCLR function is designed to be used via human interface (shorting to ground or by switch) and not
be driven with external buffers. This pin is internally pulled up and should be left floating when not in
use.
DS1284Q 28-PIN PLCC WATCHDOG TIMEKEEPER
PKG
28-PIN
DIM
MIN
MAX
A IN.
MM
0.300 BSC
7.62
B IN.
MM
0.442
17.68
0.462
11.73
D IN.
MM
0.480
12.2
0.500
12.7
D2 IN.
MM
0.390
9.91
0.430
10.92
E IN.
MM
0.090
2.29
0.120
3.05
E2 IN.
MM
0.390
9.91
0.430
10.92
F IN.
MM
0.015
0.38
0.020
0.518
H IN.
MM
0.100
2.54
0.020
0.518



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com