Electronic Components Datasheet Search
  English  ▼

X  

ISO124P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO124P
Description  Precision Lowest-Cost
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO124P Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO124P Datasheet HTML 2Page - Texas Instruments ISO124P Datasheet HTML 3Page - Texas Instruments ISO124P Datasheet HTML 4Page - Texas Instruments ISO124P Datasheet HTML 5Page - Texas Instruments ISO124P Datasheet HTML 6Page - Texas Instruments ISO124P Datasheet HTML 7Page - Texas Instruments ISO124P Datasheet HTML 8Page - Texas Instruments ISO124P Datasheet HTML 9Page - Texas Instruments ISO124P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISO124
6
SBOS074C
www.ti.com
THEORY OF OPERATION
The ISO124 isolation amplifier uses an input and an output
section galvanically isolated by matched 1pF isolating ca-
pacitors built into the plastic package. The input is duty-cycle
modulated and transmitted digitally across the barrier. The
output section receives the modulated signal, converts it
back to an analog voltage and removes the ripple component
inherent in the demodulation. Input and output sections are
fabricated, then laser trimmed for exceptional circuitry match-
ing common to both input and output sections. The sections
are then mounted on opposite ends of the package with the
isolating capacitors mounted between the two sections. The
transistor count of the ISO124 is 250 transistors.
MODULATOR
An input amplifier (A1, as shown in Figure 1) integrates the
difference between the input current (VIN/200kΩ) and a
switched
±100µA current source. This current source is
implemented by a switchable 200
µA source and a fixed
100
µA current sink. To understand the basic operation of the
modulator, assume that VIN = 0.0V. The integrator will ramp
in one direction until the comparator threshold is exceeded.
The comparator and sense amp will force the current source
to switch; the resultant signal is a triangular waveform with a
50% duty cycle. The internal oscillator forces the current
source to switch at 500kHz. The resultant capacitor drive is
a complementary duty-cycle modulation square wave.
DEMODULATOR
The sense amplifier detects the signal transitions across the
capacitive barrier and drives a switched current source into
integrator A2. The output stage balances the duty-cycle
FIGURE 1. Block Diagram.
modulated current against the feedback current through the
200k
Ω feedback resistor, resulting in an average value at the
VOUT pin equal to VIN. The sample-and-hold amplifiers in the
output feedback loop serve to remove undesired ripple volt-
ages inherent in the demodulation process.
BASIC OPERATION
SIGNAL AND SUPPLY CONNECTIONS
Each power-supply pin should be bypassed with 1
µF tantalum
capacitors located as close to the amplifier as possible. The
internal frequency of the modulator/demodulator is set at
500kHz by an internal oscillator. Therefore, if it is desired to
minimize any feedthrough noise (beat frequencies) from a
DC/DC converter, use a
π filter on the supplies (see Figure 4).
The ISO124 output has a 500kHz ripple of 20mV, which can
be removed with a simple 2-pole low-pass filter with a 100kHz
cutoff using a low-cost op amp (see Figure 4).
The input to the modulator is a current (set by the 200k
Ω
integrator input resistor) that makes it possible to have an
input voltage greater than the input supplies, as long as the
output supply is at least
±15V. It is therefore possible, when
using an unregulated DC/DC converter, to minimize PSR
related output errors with
±5V voltage regulators on the
isolated side and still get the full
±10V input and output swing.
See Figure 9 for an example of this application.
CARRIER FREQUENCY CONSIDERATIONS
The ISO124 amplifier transmits the signal across the isola-
tion barrier by a 500kHz duty-cycle modulation technique.
For input signals having frequencies below 250kHz, this
system works like any linear amplifier. But for frequencies
200k
Ω
1pF
1pF
1pF
1pF
150pF
Osc
200
µA
100
µA
Sense
200
µA
100
µA
200k
Ω
150pF
S/H
G = 1
S/H
G = 6
Sense
A2
A1
+V
S2
Gnd 2
–V
S2
+V
S1
Gnd 1
–V
S1
V
IN
V
OUT
Isolation Barrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com