Electronic Components Datasheet Search
  English  ▼

X  

ISO124P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO124P
Description  Precision Lowest-Cost
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO124P Datasheet(HTML) 1 Page - Texas Instruments

  ISO124P Datasheet HTML 1Page - Texas Instruments ISO124P Datasheet HTML 2Page - Texas Instruments ISO124P Datasheet HTML 3Page - Texas Instruments ISO124P Datasheet HTML 4Page - Texas Instruments ISO124P Datasheet HTML 5Page - Texas Instruments ISO124P Datasheet HTML 6Page - Texas Instruments ISO124P Datasheet HTML 7Page - Texas Instruments ISO124P Datasheet HTML 8Page - Texas Instruments ISO124P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
q 100% TESTED FOR HIGH-VOLTAGE
BREAKDOWN
q RATED 1500Vrms
q HIGH IMR: 140dB at 60Hz
q 0.010% max NONLINEARITY
q BIPOLAR OPERATION: V
O = ±10V
q DIP-16 AND SO-28
q EASE OF USE: Fixed Unity Gain Configuration
q
±4.5V to ±18V SUPPLY RANGE
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL:
Transducer Isolator, Isolator for Thermo-
couples, RTDs, Pressure Bridges, and
Flow Meters, 4-20mA Loop Isolation
q GROUND LOOP ELIMINATION
q MOTOR AND SCR CONTROL
q POWER MONITORING
q PC-BASED DATA ACQUISITION
q TEST EQUIPMENT
DESCRIPTION
The ISO124 is a precision isolation amplifier incorporating a
novel duty cycle modulation-demodulation technique. The
signal is transmitted digitally across a 2pF differential capaci-
tive barrier. With digital modulation, the barrier characteris-
tics do not affect signal integrity, resulting in excellent reliabil-
ity and good high-frequency transient immunity across the
barrier. Both barrier capacitors are imbedded in the plastic
body of the package.
The ISO124 is easy to use. No external components are
required for operation. The key specifications are 0.010%
max nonlinearity, 50kHz signal bandwidth, and 200
µV/°C
VOS drift. A power supply range of ±4.5V to ±18V and
quiescent currents of
±5.0mA on V
S1 and ±5.5mA on VS2
make these amplifiers ideal for a wide range of applications.
The ISO124 is available in DIP-16 and SO-28 plastic surface
mount packages.
Precision Lowest-Cost
ISOLATION AMPLIFIER
+V
S1
V
IN
V
OUT
–V
S1
+V
S2
Gnd 2
–V
S2
Gnd 1
ISO1
24
ISO124
ISO124
SBOS074C – SEPTEMBER 1997 – REVISED SEPTEMBER 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1997-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ISO124P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO124P BURR-BROWN-ISO124P Datasheet
252Kb / 12P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124P TI1-ISO124P Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
ISO124P TI2-ISO124P Datasheet
651Kb / 29P
ISO124 ±10-V Input, Precision Isolation Amplifier
REVISED JUNE 2018
ISO124P.A TI2-ISO124P.A Datasheet
651Kb / 29P
ISO124 ±10-V Input, Precision Isolation Amplifier
REVISED JUNE 2018
ISO124P.B TI2-ISO124P.B Datasheet
651Kb / 29P
ISO124 ±10-V Input, Precision Isolation Amplifier
REVISED JUNE 2018
More results

Similar Description - ISO124P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Infineon Technologies A...
PMB7860 INFINEON-PMB7860 Datasheet
192Kb / 2P
E -GOLDlite Lowest Cost GSM/GPRS/Base band IC
2004-01-01
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Orister Corporation
RS2030X ORISTER-RS2030X Datasheet
292Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
Lowest cost, lowest component count switcher solution
logo
Orister Corporation
RS2030A ORISTER-RS2030A_08 Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
Precision Lowest-Cost Isolation Amplifier
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
logo
Laird Tech Smart Techno...
AC4490 LSTD-AC4490 Datasheet
519Kb / 2P
Lowest cost one-watt module available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com