Electronic Components Datasheet Search
  English  ▼

X  

IXDD414YI Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDD414YI
Description  14 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD414YI Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDD414YI Datasheet HTML 2Page - IXYS Corporation IXDD414YI Datasheet HTML 3Page - IXYS Corporation IXDD414YI Datasheet HTML 4Page - IXYS Corporation IXDD414YI Datasheet HTML 5Page - IXYS Corporation IXDD414YI Datasheet HTML 6Page - IXYS Corporation IXDD414YI Datasheet HTML 7Page - IXYS Corporation IXDD414YI Datasheet HTML 8Page - IXYS Corporation IXDD414YI Datasheet HTML 9Page - IXYS Corporation IXDD414YI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
IXDD414PI/414YI/414CI/414SI
When designing a circuit to drive a high speed MOSFET
utilizing the IXDD414, it is very important to keep certain design
criteria in mind, in order to optimize performance of the driver.
Particular attention needs to be paid to Supply Bypassing,
Grounding, and minimizing the Output Lead Inductance.
Say, for example, we are using the IXDD414 to charge a
5000pF capacitive load from 0 to 25 volts in 25ns.
Using the formula: I= ∆V C / ∆t, where ∆V=25V C=5000pF &
∆t=25ns we can determine that to charge 5000pF to 25 volts
in 25ns will take a constant current of 5A. (In reality, the charging
current won’t be constant, and will peak somewhere around
8A).
SUPPLYBYPASSING
In order for our design to turn the load on properly, the IXDD414
must be able to draw this 5A of current from the power supply
in the 25ns. This means that there must be very low impedance
between the driver and the power supply. The most common
method of achieving this low impedance is to bypass the
power supply at the driver with a capacitance value that is a
magnitude larger than the load capacitance. Usually, this
would be achieved by placing two different types of bypassing
capacitors, with complementary impedance curves, very close
to the driver itself.
(These capacitors should be carefully
selected, low inductance, low resistance, high-pulse current-
service capacitors). Lead lengths may radiate at high frequency
due to inductance, so care should be taken to keep the lengths
of the leads between these bypass capacitors and the IXDD414
to an absolute minimum.
GROUNDING
In order for the design to turn the load off properly, the IXDD414
must be able to drain this 5A of current into an adequate
grounding system. There are three paths for returning current
that need to be considered: Path #1 is between the IXDD414
and it’s load. Path #2 is between the IXDD414 and it’s power
supply. Path #3 is between the IXDD414 and whatever logic
is driving it. All three of these paths should be as low in
resistance and inductance as possible, and thus as short as
practical. In addition, every effort should be made to keep these
three ground paths distinctly separate.
Otherwise, (for
instance), the returning ground current from the load may
develop a voltage that would have a detrimental effect on the
logic line driving the IXDD414.
OUTPUTLEADINDUCTANCE
Of equal importance to Supply Bypassing and Grounding are
issues related to the Output Lead Inductance. Every effort
should be made to keep the leads between the driver and it’s
load as short and wide as possible. If the driver must be placed
farther than 2” from the load, then the output leads should be
treated as transmission lines.
In this case, a twisted-pair
should be considered, and the return line of each twisted pair
should be placed as close as possible to the ground pin of the
driver, and connect directly to the ground terminal of the load.
Supply Bypassing and Grounding Practices,
Output Lead inductance
The enable (EN) input to the IXDD414 is a high voltage
CMOS logic level input where the EN input threshold is ½ V
CC,
and may not be compatible with 5V CMOS or TTL input levels.
The IXDD414 EN input was intentionally designed for
enhanced noise immunity with the high voltage CMOS logic
levels. In a typical gate driver application, V
CC =15V and the
EN input threshold at 7.5V, a 5V CMOS logical high input
applied to this typical IXDD414 application’s EN input will be
misinterpreted as a logical low, and may cause undesirable
or unexpected results. The note below is for optional
adaptation of TTL or 5V CMOS levels.
The circuit in Figure 28 alleviates this potential logic level
misinterpretation by translating a TTL or 5V CMOS logic input
to high voltage CMOS logic levels needed by the IXDD414 EN
input. From the figure, V
CC is the gate driver power supply,
typically set between 8V to 20V, and V
DD is the logic power
supply, typically between 3.3V to 5.5V. Resistors R1 and R2
form a voltage divider network so that the Q1 base is
positioned at the midpoint of the expected TTL logic transition
levels.
A TTL or 5V CMOS logic low, V
TTLLOW=~<0.8V, input applied to
the Q1 emitter will drive it on. This causes the level translator
output, the Q1 collector output to settle to V
CESATQ1 +
V
TTLLOW=<~2V, which is sufficiently low to be correctly
interpreted as a high voltage CMOS logic low (<1/3V
CC=5V for
V
CC =15V given in the IXDD414 data sheet.)
A TTL high, V
TTLHIGH=>~2.4V, or a 5V CMOS high,
V
5VCMOSHIGH=~>3.5V, applied to the EN input of the circuit in
Figure 28 will cause Q1 to be biased off. This results in Q1
collector being pulled up by R3 to V
CC=15V, and provides a
high voltage CMOS logic high output. The high voltage CMOS
logical EN output applied to the IXDD414 EN input will enable
it, allowing the gate driver to fully function as an 8 Amp output
driver.
The total component cost of the circuit in Figure 28 is less
than $0.10 if purchased in quantities >1K pieces.
It is
recommended that the physical placement of the level
translator circuit be placed close to the source of the TTL or
CMOS logic circuits to maximize noise rejection.
Figure 28 - TTL to High Voltage CMOS Level Translator
TTL to High Voltage CMOS Level Translation
10K
R3
3.3K
R2
Q1
2N3904
EN
Output
CC
(From Gate Driver
Power Supply)
Input)
TTL
CMOS
3.3K
R1
VDD
(From Logic
Power Supply)
or
High Voltage
(To IXDD414
EN Input)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com