Electronic Components Datasheet Search
  English  ▼

X  

IXDD414YI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDD414YI
Description  14 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD414YI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDD414YI Datasheet HTML 1Page - IXYS Corporation IXDD414YI Datasheet HTML 2Page - IXYS Corporation IXDD414YI Datasheet HTML 3Page - IXYS Corporation IXDD414YI Datasheet HTML 4Page - IXYS Corporation IXDD414YI Datasheet HTML 5Page - IXYS Corporation IXDD414YI Datasheet HTML 6Page - IXYS Corporation IXDD414YI Datasheet HTML 7Page - IXYS Corporation IXDD414YI Datasheet HTML 8Page - IXYS Corporation IXDD414YI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes.
• Latch-Up Protected
• High Peak Output Current: 14A Peak
• Wide Operating Range: 4.5V to 35V
• -55
oC to 125 oC Extended Operating Temperature
Standard
• Ability to Disable Output under Faults
• High Capacitive Load
Drive Capability: 15nF in <30ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
Applications
• Driving MOSFETs and IGBTs
• Limiting di/dt under Short Circuit
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
First Release
Copyright © IXYS CORPORATION 2004
Patent Pending
General Description
The IXDD414 is a high speed high current gate driver
specifically designed to drive the largest MOSFETs and
IGBTs to their minimum switching time and maximum
practical frequency limits. The IXDD414 can source and
sink 14A of peak current while producing voltage rise
and fall times of less than 30ns. The input of the driver
is compatible with TTL or CMOS and is fully immune to
latch up over the entire operating range. Designed with
small internal delays, cross conduction/current shoot-
through is virtually eliminated in the IXDD414. Its
features and wide safety margin in operating voltage
and power make the IXDD414 unmatched in
performance and value.
The IXDD414 incorporates a unique ability to disable the
output under fault conditions. When a logical low is
forced into the Enable input, both final output stage
MOSFETs (NMOS and PMOS) are turned off. As a
result, the output of the IXDD414 enters a tristate mode
and achieves a Soft Turn-Off of the MOSFET/IGBT
when a short circuit is detected. This helps prevent
damage that could occur to the MOSFET/IGBT if it were
to be switched off abruptly due to a dv/dt over-voltage
transient.
The IXDD414 is available in the standard 8-pin P-DIP (PI),
14-pin SOIC (SI), 5-pin TO-220 (CI) and in the TO-263 (YI)
surface-mount package.
200 k
IXDD414PI / 414YI / 414CI / 414SI
14 Amp Low-Side Ultrafast MOSFET Driver
Figure 1 - Functional Diagram
DS99061E(8/10)


Similar Part No. - IXDD414YI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414YI IXYS-IXDD414YI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
More results

Similar Description - IXDD414YI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
9 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com