Electronic Components Datasheet Search
  English  ▼

X  

DS1305 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1305
Description  Serial Alarm Real Time Clock RTC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1305 Datasheet HTML 1Page - Dallas Semiconductor DS1305 Datasheet HTML 2Page - Dallas Semiconductor DS1305 Datasheet HTML 3Page - Dallas Semiconductor DS1305 Datasheet HTML 4Page - Dallas Semiconductor DS1305 Datasheet HTML 5Page - Dallas Semiconductor DS1305 Datasheet HTML 6Page - Dallas Semiconductor DS1305 Datasheet HTML 7Page - Dallas Semiconductor DS1305 Datasheet HTML 8Page - Dallas Semiconductor DS1305 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
070900
FEATURES
Real time clock counts seconds, minutes,
hours, date of the month, month, day of the
week and year with leap year compensation
valid up to 2100
96-byte nonvolatile RAM for data storage
Two time-of-day alarms programmable on
combination of seconds, minutes, hours and
day of the week
Serial interface supports Motorola serial
peripheral interface (SPI) serial data ports or
standard 3-wire interface
Burst mode for reading/writing successive
addresses in clock/RAM
Dual power supply pins for primary and
backup power supplies
Optional trickle charge output to backup
supply
2.0 - 5.5V operation
Optional industrial temperature range
-
40°C to +85°C
Available in space-efficient, 20-pin TSSOP
package
Recognized by Underwriters Laboratory
ORDERING INFORMATION
DS1305
16-Pin DIP
DS1305N
16-Pin DIP (Industrial)
DS1305E
20-Pin TSSOP
DS1305EN
20-Pin TSSOP (Industrial)
PIN ASSIGNMENT
DS1305
Serial Alarm Real Time Clock (RTC)
www.dalsemi.com
VCC2
120
VCC1
VBAT
219
NC
X1
3
18
PF
NC4
17
VCCIF
X2
5
16
SD0
NC6
15
SDI
INT0
7
14
SCLK
NC8
13
NC
INT1
9
12
CE
GND
10
11
SERMODE
DS1305 20-Pin TSSOP (173 mil)
VCC2
1
16
VCC1
VBAT
215
PF
X1
3
14
VCCIF
X2
4
13
SDO
NC5
12
SDI
INT0
6
11
SCLK
INT1
7
10
CE
GND
8
9
SERMODE
DS1305 16-Pin DIP (300 mil)


Similar Part No. - DS1305

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1305 MAXIM-DS1305 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
logo
SYC Electronica
DS1305 SYC-DS1305 Datasheet
524Kb / 21P
Serial Alarm Real-Time Clock
logo
Bridgelux, Inc.
DS1305 BRIDGELUX-DS1305 Datasheet
1Mb / 22P
GEN9 V10 BBBL Array Series
12/2023
More results

Similar Description - DS1305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com