Electronic Components Datasheet Search
  English  ▼

X  

DS1305 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1305
Description  Serial Alarm Real Time Clock RTC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1305 Datasheet HTML 1Page - Dallas Semiconductor DS1305 Datasheet HTML 2Page - Dallas Semiconductor DS1305 Datasheet HTML 3Page - Dallas Semiconductor DS1305 Datasheet HTML 4Page - Dallas Semiconductor DS1305 Datasheet HTML 5Page - Dallas Semiconductor DS1305 Datasheet HTML 6Page - Dallas Semiconductor DS1305 Datasheet HTML 7Page - Dallas Semiconductor DS1305 Datasheet HTML 8Page - Dallas Semiconductor DS1305 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS1305
3 of 22
DS1305 BLOCK DIAGRAM Figure 1
SIGNAL DESCRIPTIONS
VCC1 - DC power is provided to the device on this pin. VCC1 is the primary power supply.
VCC2 - This is the secondary power supply pin. In systems using the trickle charger, the rechargeable
energy source is connected to this pin.
VBAT - Battery input for any standard 3-volt lithium cell or other energy source.
VCCIF (Interface Logic Power Supply Input) - The VCCIF pin allows the DS1305 to drive SDO and PF
out-put pins to a level that is compatible with the interface logic, thus allowing an easy interface to 3-volt
logic in mixed supply systems. This pin is physically connected to the source connection of the p-channel
transistors in the output buffers of the SDO and PF pins.
SERMODE (Serial Interface Mode Input) - The SERMODE pin offers the flexibility to choose
between two serial interface modes.
When connected to GND, standard 3-wire communication is
selected. When connected to VCC, Motorola SPI communication is selected.
SCLK (Serial Clock Input) - SCLK is used to synchronize data movement on the serial interface for
either the SPI or 3-wire interface.
SDI (Serial Data Input) - When SPI communication is selected, the SDI pin is the serial data input for
the SPI bus. When 3-wire communication is selected, this pin must be tied to the SDO pin (the SDI and
SDO pins function as a single I/O pin when tied together).
SDO (Serial Data Output) - When SPI communication is selected, the SDO pin is the serial data output
for the SPI bus. When 3-wire communication is selected, this pin must be tied to the SDI pin (the SDI
and SDO pins function as a single I/O pin when tied together).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com