Electronic Components Datasheet Search
  English  ▼

X  

DS1302SN Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1302SN
Description  Trickle Charge Timekeeping Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302SN Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1302SN Datasheet HTML 6Page - Dallas Semiconductor DS1302SN Datasheet HTML 7Page - Dallas Semiconductor DS1302SN Datasheet HTML 8Page - Dallas Semiconductor DS1302SN Datasheet HTML 9Page - Dallas Semiconductor DS1302SN Datasheet HTML 10Page - Dallas Semiconductor DS1302SN Datasheet HTML 11Page - Dallas Semiconductor DS1302SN Datasheet HTML 12Page - Dallas Semiconductor DS1302SN Datasheet HTML 13Page - Dallas Semiconductor DS1302SN Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS1302
11 of 14
TIMING DIAGRAM: READ DATA TRANSFER Figure 5
TIMING DIAGRAM: WRITE DATA TRANSFER Figure 6
NOTES:
1. All voltages are referenced to ground.
2. Logic one voltages are specified at a source current of 1 mA at VCC=5V and 0.4 mA at VCC=2.0V,
VOH=VCC for capacitive loads.
3. Logic zero voltages are specified at a sink current of 4 mA at VCC=5V and 1.5 mA at VCC=2.0V,
VOL=GND for capacitive loads.
4. ICC1T and ICC2T are specified with I/O open, RST set to a logic “0”, and clock halt flag=0 (oscillator
enabled).
5. ICC1A and ICC2A are specified with the I/O pin open, RST high, SCLK=2 MHz at VCC=5V;
SCLK=500 kHz, VCC=2.0V and clock halt flag=0 (oscillator enabled).
6. RST , SCLK, and I/O all have 40 kΩ pull–down resistors to ground.
7. Measured at VIH=2.0V or VIL=0.8V and 10 ns maximum rise and fall time.
8. Measured at VOH=2.4V or VOL=0.4V.
9. Load capacitance = 50 pF.
10. ICC1S and ICC2S are specified with RST , I/O, and SCLK open. The clock halt flag must be set to logic
one (oscillator disabled).
11. VCC=VCC2, when VCC2>VCC1 +0.2V; VCC=VCC1, when VCC1>VCC2.
12. VCC2=0V.
13. VCC1=0V.
14. Typical values are at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com