Electronic Components Datasheet Search
  English  ▼

X  

MS3476L833 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MS3476L833
Description  MIL-C 26482G Series II
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS3476L833 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MS3476L833 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 10Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 11Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MIL-C 26482G Series II
66
blocking system
B - heatshrink sleeve
F - floating ring
Q - without
shielding
B - with
O - without
plating
W - olive green
N - black
contact type
Pin / Socket (socket on locking ring side)
contact layout
standard # 20 contact layout
shell size
08-10-12-14-16-18-20-22-24
basic series
SN 1206- ,,- ,,- S,
-,
-,
-,
Male - Female Saver
Ordering information
Dimensions
D Max.
0
H -0.5
0
F -0.83
0
E -1.41
± 0.1
G
Shell
Contact
Polarization
A
B
C
D
EF
G
H
I
size
layouts
Max
Max
Max
Max
Max
8
3A , 33
N, W
19.03
12.03
9.09
33.90
2.68
8.38
9.10
9.06
21.70
.749
.474
.358
1.335
.106
.330
.358
.357
.854
10
6
N, W
21.83
15.01
12.34
33.90
2.68
8.38
9.10
9.06
24.50
.859
.591
.486
1.335
.106
.330
.358
.357
.965
12
10
N, W, X, Y, Z 26.13
19.07
15.19
33.90
2.68
8.38
9.10
9.06
28.80
1.029
.751
.598
1.335
.106
.330
.358
.357
1.134
14
19
N, W, X, Y
29.33
22.25
18.36
33.90
2.68
8.38
9.10
9.06
32.00
1.155
.876
.723
1.335
.106
.330
.358
.357
1.260
16
26
N, W, X, Y, Z 32.53
25.42
21.54
33.90
2.68
8.38
9.10
9.06
35.20
1.281
1.001
.848
1.335
.106
.330
.358
.357
1.386
18
32
N, W, X, Y, Z 35.33
28.60
24.08
33.90
2.68
8.38
9.10
9.06
38.00
1.391
1.126
.948
1.335
.106
.330
.358
.357
1.496
20
41
N, W, X, Y
38.83
31.77
27.25
35.50
4.28
9.98
10.70
10.64
41.50
1.529
1.251
1.073
1.398
.169
.393
.421
.419
1.634
22
55
N, W, X, Y, Z 42.03
34.95
30.43
35.50
4.28
9.98
10.70
10.64
44.70
1.655
1.376
1.198
1.398
.169
.393
.421
.419
1.760
24
61
N, W, X, Y, Z 45.13
38.12
33.60
35.50
4.28
9.98
10.70
10.64
47.80
1.777
1.501
1.323
1.398
.169
.393
.421
.419
1.882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com