Electronic Components Datasheet Search
  English  ▼

X  

MS3476L833 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MS3476L833
Description  MIL-C 26482G Series II
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS3476L833 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MS3476L833 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MIL-C 26482G Series II
60
Contacts size
20 (Ø1mm)
16 (Ø1.6mm)
12 (Ø2.4mm)
Cable accommodation (admissible section)
external Ø over insulator
0,98/2,11 mm
1,34/2,62 mm
2,45/4,01 mm
admissible section
0,21/0,60 mm2
0,60/1,34mm2
1,91/3,18mm2
wire gauge
24/20
20/16
14/12
reducting sleeve for
0,09/0,21 mm2
--
wire of
28/24
--
part numbers
- male contacts
M39029/4-110
M39029/4-111
M39029/4-112
colour code
brown-brown-black
brown-brown-brown brown-brown-orange
- female contacts
M39029/5-115
M39029/5-116
M39029/5-118
colour code
brown-brown-green
brown-brown-blue
brown-brown-grey
- male contacts
chromel thermocouple
8522-875 A
8522-881
8522-887
colour code
brown-orange-green
yellow
yellow
- alumel thermocouple
8522-876 A
8522-882
8522-888
colour code
brown-orange-yellow
black
black
- female contacts
chromel thermocouple
8522-877 A
8522-883
8522-889
colour code
brown-yellow-brown
yellow
yellow
- alumel thermocouple
8522-878 A
8522-884
8522-890
colour code
brown-yellow-black
black
black
reducing sleeve
8522-2142
shell
size
contacts
layouts
service I service II
number of contacts
size 20
size 16
size 12
Ø1
Ø1,6
Ø2,4
angles in degrees
NW
X
Y
Z
8
8-33
X3
0
90
--
-
8-96
X3
0
-
-
-
-
10
10-6
X6
0
90
--
-
12
12-10
X
10
0
60
155
270
295
12-3
X3
0
-
-
180
-
14-19
X
19
0
30
165
315
-
14-15
X
14
10
17
110
155
234
14
14-12
X8
4
0
43
90
--
14-5
X5
0
40
92
184
273
14-4
X4
0
45
--
-
16-26
X
26
0
60
-
275
338
16
16-8
X8
0
54
152
180
331
18-32
X
32
0
85
138
222
265
18
18-11
X
11
0
62
119
241
340
18-8
X8
0
180
--
-
20-41
X
41
0
45
126
225
-
20
20-39
X
37
20
63
144
252
333
20-16
X
16
0
238
318
333
347
22-55
X
55
0
30
142
226
314
22-41
X
27
14
0
39
135
264
-
22
22-21
X
21
0
16
135
175
349
22-12
X
12
0-
-
-
-
24-61
X
61
0
90
180
270
324
24
24-31
X
31
0
90
225
255
-
24-19
X
19
0
30
165
315
-
Polarization
Insulator rotated inside metal body
N
Z
Y
W
X
Contacts
Coax contacts
installed instead of size 12 contacts
male contacts
8526-12-2-001 8526-12-2-002 8526-12-2-003 8526-12-2-004
female contacts
8526-12-1-001 8526-12-1-002 8526-12-1-003 8526-12-1-004
cables accepted
RG 178 B/U
RG 179 B/U
RG 316 U
RG 180 B/U
Minicoax contacts
installed instead of size 16 contacts
male contacts
8526-2-001 A
8526-2-002 A
8526-2-003 A
female contacts
8526-1-001 A
8526-1-002 A
8526-1-003 A
cables accepted
RG-316U-KX 22 A
RG-178 B/U-KX 21 A
RG 179 B/U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com