Electronic Components Datasheet Search
  English  ▼

X  

DS1336 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1336
Description  Afterburner Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1336 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1336 Datasheet HTML 1Page - Dallas Semiconductor DS1336 Datasheet HTML 2Page - Dallas Semiconductor DS1336 Datasheet HTML 3Page - Dallas Semiconductor DS1336 Datasheet HTML 4Page - Dallas Semiconductor DS1336 Datasheet HTML 5Page - Dallas Semiconductor DS1336 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
050699
FEATURES
§ Provides power switching of up to 1.5 amps at
voltages between 3.0 and 5.0 volts
§ Five separate power switches
§ Selectable battery switches for use with
§ battery-backed systems
§ Very low on impedance of 0.7O
§ Battery backup current of 4 mA
§ Diode-isolated battery path
§ Available in 16-pin DIP or 16-pin SOIC
surface
§ mount package
§ Low voltage drop battery path
§ Connects directly to a variety of Dallas
Semiconductor devices, adding increased
switching capability for large battery backup
current applications
PIN ASSIGNMENT
PIN DESCRIPTION
VCC/IN1
- +5V Input and Input 1
IN2 - IN5
- Inputs 2 - 5
OUT1 - 5
- Outputs 1 - 5
VBATIN
- External Battery Input
VBAT01
- Diode Protected Battery Output
VBAT02
- Low Voltage Drop Battery
Output
PF, PF
- Power-fail Inputs
GND
- Ground
DESCRIPTION
The DS1336 Afterburner Chip is designed to provide power switching between a primary power supply
(VCC) and a backup battery power supply (VBAT). Five VCC and two battery paths are provided which can
be used individually or in parallel to supply uninterrupted power in applications such as SRAM networks.
When used with one of the Dallas power monitoring devices listed in Table 1, the DS1336 allows a load
to be switched from its main power supply VCC to a battery backup supply when VCC falls out of
tolerance. A user may selectively tie together any combination of the output pins to provide the desired
high current supply, providing up to 300 mA per OUT pin or a maximum of 1.5A. Depending upon the
user’s backup supply load requirements, either of the VBAT outputs may be tied to the OUT pins to supply
DS1336
Afterburner Chip
www.dalsemi.com
16-Pin DIP (300-mil)
See Mach. Drawings
Section
16-Pin DIP SOIC (300-mil)
See Mach. Drawings
Section
OUT5
PF
IN5
IN2
IN4
VBATIN
VBAT02
OUT4
1
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
VCC/IN1
PF
GND
OUT1
OUT2
OUT3
VBAT01
IN3
OUT5
PF
IN5
IN2
IN4
VBATIN
VBAT02
OUT4
1
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
VCC/IN1
PF
GND
OUT1
OUT2
OUT3
VBAT01
IN3


Similar Part No. - DS1336

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1336 MAXIM-DS1336 Datasheet
90Kb / 6P
Afterburner Chip
050699
More results

Similar Description - DS1336

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
SINGLE CHIP ADSL2 CPE CHIP
logo
Murata Manufacturing Co...
LQP03TN4N3H00D MURATA-LQP03TN4N3H00D Datasheet
28Kb / 2P
Chip Inductors (Chip Coils)(SMD)
LQP03TN27NJ00D MURATA-LQP03TN27NJ00D Datasheet
28Kb / 2P
Chip Inductors (Chip Coils)(SMD)
logo
Nanjing Qinheng Microel...
CH330 WCH-CH330 Datasheet
108Kb / 3P
Chip
logo
Jingjing Microelectroni...
EG7335 EGMICRO-EG7335 Datasheet
798Kb / 8P
Special Chip FluIdIzer chip
logo
Maxim Integrated Produc...
DS1336 MAXIM-DS1336 Datasheet
90Kb / 6P
Afterburner Chip
050699
logo
Murata Manufacturing Co...
LQM18PN1R0MFHD MURATA1-LQM18PN1R0MFHD Datasheet
310Kb / 8P
CHIP COILS (CHIP INDUCTORS)
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
CHIP COIL(CHIP INDUCTORS)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
Chip Coil (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com