Electronic Components Datasheet Search
  English  ▼

X  

DS1336 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1336
Description  Afterburner Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1336 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1336 Datasheet HTML 1Page - Dallas Semiconductor DS1336 Datasheet HTML 2Page - Dallas Semiconductor DS1336 Datasheet HTML 3Page - Dallas Semiconductor DS1336 Datasheet HTML 4Page - Dallas Semiconductor DS1336 Datasheet HTML 5Page - Dallas Semiconductor DS1336 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS1336
5 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260°C for 10 seconds
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied.
Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC OPERATING CONDITIONS
(tA = 0°C to 70°C; VCC = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC1
3.0
5.0
5.5
V
1
Supply Current
ICC1
0.25
1.0
mA
Supply Current
ICC2
50
100
nA
3
Input Low Voltage
VIL
0.8
V
1
Input High Voltage
VIH
2.0
VCC
V
1
Current Output
VCC=VCC1, PF=0, PF =1
ICCO
300
mA
2
Current Output
VCC=0, PF=1, PF =0
IBAT01-2
4.0
mA
4
Current, Forward Bias of
VCC5 Diode
IFB
20
mA
Off Impedance
ROFF1
5.0
M
Ω
5
Off Impedance
ROFF2
10
M
Ω
6
On Impedance
RON1
0.7
Ω
7
On Impedance
RON2
50
Ω
8
AC CHARACTERISTICS
(tA = 0°C to 70°C; VCC = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Propagation Delay
tPD
10
ns
9
Switch Delay Power-fail
tPF
100
ns
Switch Delay Power-on
tPON
100
ns
Capacitance PF, PF
CI
7
pF
NOTES:
1. All voltages referenced to ground.
2. ICCO with a voltage drop of 0.2 volts from any VCCO output.
3. VCC=0, VBATIN=3.0 volts.
4. VBAT01 with a voltage drop of 1.0 volts.
5. ROFF1 applies to VCCO1, 2, 3, 4.
6. ROFF2 applies to VBATO1, 2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com