Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA694 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments OPA694 Datasheet HTML 12Page - Texas Instruments OPA694 Datasheet HTML 13Page - Texas Instruments OPA694 Datasheet HTML 14Page - Texas Instruments OPA694 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
11
APPLICATION INFORMATION
WIDEBAND CURRENT FEEDBACK OPERATION
The OPA2694 provides exceptional AC performance for a
wideband, low-power, current-feedback operational
amplifier. Requiring only 5.8mA/ch quiescent current, the
OPA2694 offers a 690MHz bandwidth at a gain of +2,
along with a 1700V/μs slew rate. An improved output stage
provides ±70mA output drive, along with < 1.5V output
voltage headroom. This combination of low power and
high bandwidth can benefit high-resolution video
applications.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit configuration used as the basis of the ±5V
Electrical Characteristic tables and Typical Characteristic
curves. For test purposes, the input impedance is set to
50Ω with a resistor to ground and the output impedance is
set to 50Ω with a series output resistor. Voltage swings
reported in the Electrical Charateristics are taken directly
at the input and output pins, while load powers (dBm) are
defined at a matched 50Ω load. For the circuit of Figure 1,
the total effective load will be 100Ω || 804Ω = 89Ω. One
optional component is included in Figure 1. In addition to
the usual power-supply decoupling capacitors to ground,
a 0.01μF capacitor is included between the two
power-supply pins. In practical PCB layouts, this optional
added capacitor will typically improve the 2nd-harmonic
distortion performance by 3dB to 6dB.
+5V
−5V
−VS
+VS
50
ΩLoad
50
Ω
50
Ω
VO
VI
50
ΩSource
RG
402
Ω
RF
402
Ω
6.8
μF
0.1
μF
Optional
0.01
μF
1/2
OPA2694
6.8
μF
0.1
μF
Figure 1. DC-Coupled, G = +2, Bipolar-Supply
Specification and Test Circuit
Figure 2 shows the DC-coupled, gain of −2V/V, dual
power-supply circuit used as the basis of the inverting
Typical Characteristic curves. Inverting operation offers
several performance benefits. Since there is no
common-mode signal across the input stage, the slew rate
for inverting operation is higher and the distortion
performance is slightly improved. An additional input
resistor, RT, is included in Figure 2 to set the input
impedance equal to 50Ω. The parallel combination of RT
and RG sets the input impedance. Both the noninverting
and inverting applications of Figure 1 and Figure 2 will
benefit from optimizing the feedback resistor (RF) value for
bandwidth (see the discussion in Setting Resistor Values
to Optimize Bandwidth). The typical design sequence is to
select the RF value for best bandwidth, set RG for the gain,
then set RT for the desired input impedance. As the gain
increases for the inverting configuration, a point will be
reached where RG will equal 50Ω, where RT is removed
and the input match is set by RG only. With RG fixed to
achieve an input match to 50Ω, RF is simply increased, to
increase gain. This will, however, quickly reduce the
achievable bandwidth, as shown by the inverting gain of
–10 frequency response in the Typical Characteristic
curves. For gains > 10V/V (14dB at the matched load),
noninverting operation is recommended to maintain
broader bandwidth.
1/2
OPA2694
+5V
+VS
−VS
−5V
50
ΩLoad
50
Ω
20
Ω
RT
66.5
Ω
RG
200
Ω
6.8
μF
0.1
μF
6.8
μF
0.1
μF
Optional
0.01
μF
VI
50
ΩSource
RF
402
Ω
VO
Figure 2. DC-Coupled, G = −2V/V, Bipolar-Supply
Specification and Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com