Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA694 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments OPA694 Datasheet HTML 12Page - Texas Instruments OPA694 Datasheet HTML 13Page - Texas Instruments OPA694 Datasheet HTML 14Page - Texas Instruments OPA694 Datasheet HTML 15Page - Texas Instruments OPA694 Datasheet HTML 16Page - Texas Instruments OPA694 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
13
SAW FILTER BUFFER
One common requirement in an IF strip is to buffer the
output of a mixer with enough gain to recover the insertion
loss of a narrowband SAW filter. Figure 5 shows one
possible configuration driving a SAW filter. The 2-Tone,
3rd-Order Intermodulation Intercept plot is shown in the
Typical Characteritics curves. Operating in the inverting
mode at a voltage gain of –8V/V, this circuit provides a 50Ω
input match using the gain set resistor, has the feedback
optimized for maximum bandwidth (250MHz in this case),
and drives through a 50Ω output resistor into the matching
network at the input of the SAW filter. If the SAW filter gives
a 12dB insertion loss, a net gain of 0dB to the 50Ω load at
the output of the SAW (which could be the input
impedance of the next IF amplifier or mixer) will be
delivered in the passband of the SAW filter. Using the
OPA2694 in this application will isolate the first mixer from
the impedance of the SAW filter and provide very low
two-tone, 3rd-order spurious levels in the SAW filter
bandwidth.
SAW
Filter
+12V
Matching
Network
=12dB
− (SAW Loss)
50
Ω
Source
50Ω
50
Ω
P
O
PO
P
I
400
Ω
50
Ω
PI
0.1
μF
1000pF
1000pF
5k
Ω
5kΩ
1/2
OPA2694
Figure 5. IF Amplifier Driving SAW Filter
DIFFERENTIAL INTERFACE APPLICATIONS
Dual op amps are particularly suitable to differential input
to differential output applications. Typically, these fall into
either ADC input interface or line driver applications. Two
basic approaches to differential I/O are noninverting or
inverting configurations. Since the output is differential, the
signal
polarity
is
somewhat
meaningless—the
noninverting and inverting terminology applies here to
where the input is brought into the OPA2694. Each has its
advantages and disadvantages. Figure 6 shows a basic
starting point for noninverting differential I/O applications.
RF
RF
1/2
OPA2694
+VCC
−VCC
RG
VO
1/2
OPA2694
VI
Figure 6. Noninverting Differential I/O Amplifier
This approach provides for a source termination
impedance that is independent of the signal gain. For
instance, simple differential filters may be included in the
signal path right up to the noninverting inputs without
interacting with the gain setting. The differential signal gain
for the circuit of Figure 6 is shown in Equation (1):
AD + 1 ) 2
RF
RG
The differential gain, however, may be adjusted with
considerable freedom using just the RG resistor. In fact, RG
may be a reactive network providing a very isolated
shaping to the differential frequency response. Since the
inverting inputs of the OPA2694 are low-impedance
closed-loop buffer outputs, the RG element does not
interact with the amplifier bandwidth. Wide ranges of
resistor values and/or filter elements may be inserted here
with minimal amplifier bandwidth interaction.
Various combinations of single-supply or AC-coupled gain
can also be delivered using the basic circuit of Figure 6.
Common-mode bias voltages on the two noninverting
inputs pass on to the output with a gain of 1, since an equal
DC voltage at each inverting node creates no current
through RG. This circuit does show a common-mode gain
of 1 from input to output. The source connection should
either remove this common-mode signal if undesired
(using an input transformer can provide this function), or
the common-mode voltage at the inputs can be used to set
the output common-mode bias. If the low common-mode
rejection of this circuit is a problem, the output interface
may also be used to reject that common-mode. For
instance, most modern differential input ADCs reject
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com