Electronic Components Datasheet Search
  English  ▼

X  

DS1386 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1386
Description  RAMified Watchdog Timekeeper
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1386 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1386 Datasheet HTML 5Page - Dallas Semiconductor DS1386 Datasheet HTML 6Page - Dallas Semiconductor DS1386 Datasheet HTML 7Page - Dallas Semiconductor DS1386 Datasheet HTML 8Page - Dallas Semiconductor DS1386 Datasheet HTML 9Page - Dallas Semiconductor DS1386 Datasheet HTML 10Page - Dallas Semiconductor DS1386 Datasheet HTML 11Page - Dallas Semiconductor DS1386 Datasheet HTML 12Page - Dallas Semiconductor DS1386 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS1386/1386P
9 of 20
TIME OF DAY ALARM MASK BITS Figure 3
REGISTER
(3) MINUTES
(5) HOURS
(7) DAYS
1
1
1
ALARM ONCE PER MINUTE
0
1
1
ALARM WHEN MINUTES MATCH
0
0
1
ALARM WHEN HOURS AND MINUTES
MATCH
0
0
0
ALARM WHEN HOURS, MINUTES AND
DAYS MATCH
NOTE:
Any other bit combinations of mask bit settings produce illogical operation.
COMMAND REGISTER
Address location 0Bh is the Command Register where mask bits, control bits and flag bits reside. The
operation of each bit is as follows:
TE - Bit 7 Transfer Enable-This bit when set to a logic 0 will disable the transfer of data between internal
and external clock registers. The contents in the external clock registers are now frozen and reads or
writes will not be affected with updates. This bit must be set to a logic 1 to allow updates.
IPSW - Bit 6 Interrupt Switch-When set to a logic 1, INTA is the Time of Day Alarm and INTB/( INTB )
is the Watchdog Alarm. When set to logic 0, this bit reverses the output pins. INTA is now the watchdog
alarm output and INTB/( INTB ) is the time of day alarm output.
IBH/LO - Bit 5 Interrupt B Sink or Source Current-When this bit is set to a logic 1 and VCC is applied,
INTB/( INTB ) will source current (see DC characteristics IOH). When this bit is set to a logic 0, INTB
will sink current (see DC characteristics IOL).
PU/LVL - Bit 4 Interrupt Pulse Mode or Level Mode - This bit determines whether both interrupts will
output a pulse or level signal. When set to a logic 0, INTA and INTB/( INTB ) will be in the level mode.
When this bit is set to a logic 1, the pulse mode is selected and INTA will sink current for a minimum of
3 ms and then release. INTB/( INTB ) will either sink or source current, depending on the condition of
Bit 5, for a minimum of 3 ms and then release. INTB will only source current when there is a voltage
present on VCC.
WAM - Bit 3 Watchdog Alarm Mask - When this bit is set to a logic 0, the watchdog interrupt output
will be activated. The activated state is determined by bits 1,4,5, and 6 of the COMMAND REGISTER.
When this bit is set to a logic 1, the watchdog interrupt output is deactivated.
TDM - Bit 2 Time of Day Alarm Mask - When this bit is set to a logic 0, the time of day alarm interrupt
output will be activated. The activated state is determined by bits 0,4,5, and 6 of the COMMAND
REGISTER. When this bit is set to a logic 1, the time of day alarm interrupt output is deactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com