Electronic Components Datasheet Search
  English  ▼

X  

DS1386 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1386
Description  RAMified Watchdog Timekeeper
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1386 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1386 Datasheet HTML 1Page - Dallas Semiconductor DS1386 Datasheet HTML 2Page - Dallas Semiconductor DS1386 Datasheet HTML 3Page - Dallas Semiconductor DS1386 Datasheet HTML 4Page - Dallas Semiconductor DS1386 Datasheet HTML 5Page - Dallas Semiconductor DS1386 Datasheet HTML 6Page - Dallas Semiconductor DS1386 Datasheet HTML 7Page - Dallas Semiconductor DS1386 Datasheet HTML 8Page - Dallas Semiconductor DS1386 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
072401
FEATURES
§ 8 or 32 kbytes of user NV RAM
§ Integrated NV SRAM, real time clock,
crystal, power-fail control circuit and lithium
energy source
§ Totally nonvolatile with over 10 years of
operation in the absence of power
§ Watchdog timer restarts an out-of-control
processor
§ Alarm function schedules real-time related
activities such as system wakeup
§ Programmable interrupts and square wave
output
§ All registers are individually addressable via
the address and data bus
§ Interrupt signals are active in power-down
mode
PIN ASSIGNMENT
DS1386/DS1386P
RAMified Watchdog Timekeeper
www.maxim-ic.com
1
INTB (INTB)
2
3
NC
NC
PFO
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
SQW
NC
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
NC
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
INTA
X1 GND VBAT
X2
DS1386 8k x 8
34-Pin PowerCap Module Board
(Uses DS9034PCX PowerCap)
1
INTB (INTB)
2
3
NC
NC
PFO
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
SQW
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
INTA
X1 GND VBAT
X2
DS1386 32k x 8
34-Pin PowerCap Module Board
(Uses DS9034PCX PowerCap)
INTA
INTA
13
1
2
3
4
5
6
7
8
9
10
11
12
14
31
DS1386 32k x 8
32-Pin Encapsulated Package
VCC
32
30
29
28
27
26
25
24
23
22
21
19
20
15
16
18
17
VCC
SQW
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
DQ4
DQ3
A14
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
INTB
A12
A6
DQ2
GND
13
1
2
3
4
5
6
7
8
9
10
11
12
14
31
DS1386 8k x 8
32-Pin Encapsulated Package
NC
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
VCC
SQW
VCC
WE
NC
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
32
30
29
28
27
26
25
24
23
22
21
19
20
INTB
A12
A6
DQ2
GND
15
16
18
17
DQ4
DQ3


Similar Part No. - DS1386

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS138 LUMILEDS-DS138 Datasheet
2Mb / 20P
Retail lighting that makes an impact
logo
Bridgelux, Inc.
DS138 BRIDGELUX-DS138 Datasheet
829Kb / 15P
Tunable Linear Gen 3 2 SMD Rows
06/2020
DS1380 BRIDGELUX-DS1380 Datasheet
1Mb / 21P
V10 F90 Thrive Array Series
11/2025
DS1380-1 BRIDGELUX-DS1380-1 Datasheet
1Mb / 21P
V10 F90 Thrive Array Series
11/2025
DS1381 BRIDGELUX-DS1381 Datasheet
1Mb / 21P
V13C F90 Thrive Array Series
05/02026
More results

Similar Description - DS1386

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
Watchdog Timekeeper Chip
DS1395 DALLAS-DS1395 Datasheet
193Kb / 19P
RAMified Real Time Clock
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
Watchdog Timekeeper
DS1486 DALLAS-DS1486 Datasheet
251Kb / 17P
RAMified Watchdog Timekeeper
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
Watchdog Timekeeper Chip
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
logo
Holtek Semiconductor In...
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
Watchdog Timekeeper
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com