Electronic Components Datasheet Search
  English  ▼

X  

DS1386P Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1386P
Description  RAMified Watchdog Timekeeper
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1386P Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1386P Datasheet HTML 2Page - Dallas Semiconductor DS1386P Datasheet HTML 3Page - Dallas Semiconductor DS1386P Datasheet HTML 4Page - Dallas Semiconductor DS1386P Datasheet HTML 5Page - Dallas Semiconductor DS1386P Datasheet HTML 6Page - Dallas Semiconductor DS1386P Datasheet HTML 7Page - Dallas Semiconductor DS1386P Datasheet HTML 8Page - Dallas Semiconductor DS1386P Datasheet HTML 9Page - Dallas Semiconductor DS1386P Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS1386/1386P
6 of 20
TIME OF DAY REGISTERS
Registers 0, 1, 2, 4, 6, 8, 9, and A contain time of day data in BCD. Ten bits within these eight registers
are not used and will always read 0 regardless of how they are written. Bits 6 and 7 in the Months
Register (9) are binary bits. When set to logic 0, EOSC (Bit 7) enables the Real Time Clock oscillator.
This bit is set to logic 1 as shipped from Dallas Semiconductor to prevent lithium energy consumption
during storage and shipment (DIP Module only). This bit will normally be turned on by the user during
device initialization. However, the oscillator can be turned on and off as necessary by setting this bit to
the appropriate level. Bit 6 of this same byte controls the square wave output. When set to logic 0, the
square wave output pin will output a 1024 Hz square wave signal. When set to logic 1 the square wave
output pin is in a high impedance state. Bit 6 of the Hours Register is defined as the 12- or 24-hour select
bit. When set to logic 1, the 12-hour format is selected. In the 12-hour format, bit 5 is the AM/PM bit
with logic 1 being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20-23 hours). The Time of
Day Registers are updated every 0.01 seconds from the Real Time Clock, except when the TE bit (bit 7 of
Register B) is set low or the clock oscillator is not running. The preferred method of synchronizing data
access to and from the RAMified Timekeeper is to access the Command Register by doing a write cycle
to address location 0B and setting the TE bit (transfer enable bit) to a logic 0. This will freeze the
External Time of Day Registers at the present recorded time, allowing access to occur without danger of
simultaneous update. When the watch registers have been read or written, a second write cycle to location
0B, setting the TE bit to a logic 1, will put the Time of Day Registers back to being updated every
.01 second. No time is lost in the Real Time Clock because the internal copy of the Time of Day Register
buffers is continually incremented while the external memory registers are frozen. An alternate method of
reading and writing the Time of Day Registers is to ignore synchronization. However, any single read
may give erroneous data as the Real Time Clock may be in the process of updating the external memory
registers as data is being read. The internal copies of seconds through years are incremented, and the
time of day alarm is checked during the period that hundreds of seconds reads 99 and are transferred to
the external register when hundredths of seconds roll from 99 to 00. A way of making sure data is valid is
to do multiple reads and compare. Writing the registers can also produce erroneous results for the same
reasons. A way of making sure that the write cycle has caused proper update is to do read verifies and re-
execute the write cycle if data is not correct. While the possibility of erroneous results from reads and
write cycles has been stated, it is worth noting that the probability of an incorrect result is kept to a
minimum due to the redundant structure of the RAMified Timekeeper.
TIME OF DAY ALARM REGISTERS
Registers 3, 5, and 7 contain the Time of Day Alarm Registers. Bits 3, 4, 5, and 6 of Register 7 will
always read 0 regardless of how they are written. Bit 7 of Registers 3, 5, and 7 are mask bits (Figure 3).
When all of the mask bits are logic 0, a Time of Day Alarm will only occur when Registers 2, 4, and 6
match the values stored in Registers 3, 5, and 7. An alarm will be generated every day when bit 7 of
Register 7 is set to a logic 1. Similarly, an alarm is generated every hour when bit 7 of Registers 7 and 5
is set to a logic 1. When bit 7 of Registers 7, 5, and 3 is set to a logic 1, an alarm will occur every minute
when Register 1 (seconds) rolls from 59 to 00.
Time of Day Alarm Registers are written and read in the same format as the Time of Day Registers. The
Time of Day Alarm Flag and Interrupt are always cleared when Alarm Registers are read or written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com