Electronic Components Datasheet Search
  English  ▼

X  

DS1395 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1395
Description  RAMified Real Time Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1395 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1395 Datasheet HTML 1Page - Dallas Semiconductor DS1395 Datasheet HTML 2Page - Dallas Semiconductor DS1395 Datasheet HTML 3Page - Dallas Semiconductor DS1395 Datasheet HTML 4Page - Dallas Semiconductor DS1395 Datasheet HTML 5Page - Dallas Semiconductor DS1395 Datasheet HTML 6Page - Dallas Semiconductor DS1395 Datasheet HTML 7Page - Dallas Semiconductor DS1395 Datasheet HTML 8Page - Dallas Semiconductor DS1395 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ECopyright 1995 by Dallas Semiconductor Corporation.
All Rights Reserved. For important information regarding
patents and other intellectual property rights, please refer to
Dallas Semiconductor databooks.
DS1395/DS1397
RAMified Real Time Clock
DS1395/DS1397
DD
BAT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A2
A3
V
SQW
A4
A5
V
B
GND
SS
DD
V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
A0
A1
NC
NC
D0
D1
D2
D3
D4
D5
D6
D7
A2
A3
V
SQW
A4
A5
NC
NC
1
2
3
4
5
6
7
8
11
12
13
14
15
16
9
10
17
18
19
20
21
22
23
24
25
26
27
28
SS
DD
BAT
A0
A1
X2
X1
D0
D1
D2
D3
D4
D5
D6
D7
V
A2
A3
V
SQW
A4
A5
V
BGND
SS
A0
A1
X2
X1
D0
D1
D2
D3
D4
D5
D6
D7
V
STBY
IRQ
RESET
RD
WR
RTC
XRAM
STBY
IRQ
RESET
RD
WR
XRAM
RTC
STBY
IRQ
RESET
RD
WR
XRAM
RTC
DS1395S 28-Pin SOIC (330 mil)
DS1395 28-Pin DIP (600 mil)
DS1397 28-Pin Encapsulated Package (720 mil)
15
16
17
18
19
20
21
22
23
24
25
26
27
28
020794 1/19
FEATURES
• Ideal for EISA bus PCs
• Functionally compatible with MC146818 in 32 KHz
mode
• Totally nonvolatile with over 10 years of operation in
the absence of power
• Self-contained subsystem includes lithium, quartz,
and support circuitry
• Counts seconds, minutes, hours, day of the week,
date, month, and year with leap year compensation
• Binary or BCD representations of time, calendar, and
alarm
• 12- or 24-hour clock with AM and PM in 12-hour mode
• Daylight Savings Time option
• Interfacedwith software as 64 register/RAM locations
plus 4K x 8 of static RAM
– 14 bytes of clock and control registers
– 50 bytes of general and control registers
– Separate 4K x 8 nonvolatile SRAM
• Programmable square wave output signal
• Bus-compatible interrupt signals (IRQ)
• Three interrupts are separately software-maskable
and testable:
– Time-of-day alarm once/second to once/day
– Periodic rates from 122
µs to 500 ms
– End-of-clock update cycle
• 28-pin JEDEC footprint
• Available as chip (DS1395/DS1395S) or stand alone
module with embedded lithium battery and crystal
(DS1397)
ORDERING INFORMATION
DS1395
RTC Chip; 28–pin DIP
DS1395S
RTC Chip; 28–pin SOIC
DS1397
RTC Module; 28–pin DIP
PIN ASSIGNMENT


Similar Part No. - DS1395

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS139 LUMILEDS-DS139 Datasheet
2Mb / 18P
Unsurpassed light quality and CBCP due to small LES
logo
Bridgelux, Inc.
DS139 BRIDGELUX-DS139 Datasheet
870Kb / 17P
Tunable Linear Gen 3 Thrive 2 SMD Rows
08/2020
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390 Datasheet
380Kb / 25P
Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS1390 MAXIM-DS1390 Datasheet
388Kb / 26P
Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
More results

Similar Description - DS1395

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1495 DALLAS-DS1495 Datasheet
193Kb / 19P
RAMified Real Time Clock
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1385 DALLAS-DS1385 Datasheet
142Kb / 20P
RAMified Real Time Clock 4K x 8
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com