Electronic Components Datasheet Search
  English  ▼

X  

DS1603 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1603
Description  Elapsed Time Counter Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1603 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1603 Datasheet HTML 1Page - Dallas Semiconductor DS1603 Datasheet HTML 2Page - Dallas Semiconductor DS1603 Datasheet HTML 3Page - Dallas Semiconductor DS1603 Datasheet HTML 4Page - Dallas Semiconductor DS1603 Datasheet HTML 5Page - Dallas Semiconductor DS1603 Datasheet HTML 6Page - Dallas Semiconductor DS1603 Datasheet HTML 7Page - Dallas Semiconductor DS1603 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
080299
FEATURES
§ Two 32–bit counters keep track of real time
and elapsed time
§ Counters keep track of seconds for over 125
years
§ Battery powered counter counts seconds from
the time battery is attached until VBAT is less
than 2.5 volts
§ V
CC powered counter counts seconds while
VCC is above 4.25 volts and retains the count
in the absence of VCC under battery backup
power
§ Clear function resets selected counter to 0
§ Read/Write serial port affords low pin count
§ Powered internally by a lithium energy cell
that provides over 10 years of operation
§ 1-byte protocol defines read/write, counter
address and software clear function
§ Self-contained crystal provides an accuracy of
±2 min per month
§ Operating temperature range of 0°C to 70°C
§ Low profile SIP module
PIN ASSIGNMENT
PIN DESCRIPTION
RST
- Reset
CLK
- Clock
DQ
- Data Input/Output
GND
- Ground
VCC
- +5 Volts
OSC
- 1 Hz Oscillator Output
NC
- No Connect
DESCRIPTION
The DS1603 is a real time clock/elapsed time counter designed to count seconds when VCC power is
applied and continually count seconds under battery backup power with an additional counter regardless
of the condition of VCC. The continuous counter can be used to derive time of day, week, month, and year
by using a software algorithm. The VCC powered counter will automatically record the amount of time
that VCC power is applied. This function is particularly useful in determining the operational time of
equipment in which the DS1603 is used. Alternatively, this counter can also be used under software
control to record real time events. Communication to and from the DS1603 takes place via a 3–wire
serial port. A 1-byte protocol selects read/ write functions, counter clear functions and oscillator trim. The
device contains a 32.768 kHz crystal which will keep track of time to within
±2 min/mo. An internal
lithium energy source contains enough energy to power the continuous seconds counter for over 10 years.
OPERATION
The main elements of the DS1603 are shown in Figure 1. As shown, communications to and from the
elapsed time counter occur over a 3–wire serial port. The port is activated by driving RST to a high state.
With RST at high level 8 bits are loaded into the protocol shift register providing read/write, register
select, register clear, and oscillator trim information. Each bit is serially input on the rising edge of the
DS1603
Elapsed Time Counter Module
www.dalsemi.com
1
2
3
4
5
6
7
VCC
RST
DQ
NC
CLK
OSC
GND


Similar Part No. - DS1603

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1603 NSC-DS1603 Datasheet
131Kb / 7P
TRI-STATE Dual Receiver
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
logo
National Semiconductor ...
DS1603J NSC-DS1603J Datasheet
131Kb / 7P
TRI-STATE Dual Receiver
DS1603J/883 NSC-DS1603J/883 Datasheet
131Kb / 7P
TRI-STATE Dual Receiver
DS1603W/883 NSC-DS1603W/883 Datasheet
131Kb / 7P
TRI-STATE Dual Receiver
More results

Similar Description - DS1603

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
Parallel-Interface Elapsed Time Counter
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
Power Failure Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
DS1318 MAXIM-DS1318_10 Datasheet
242Kb / 15P
Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
Elapsed Time Meters
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com